전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA592 데이터시트(PDF) 10 Page - Infineon Technologies AG

부품명 BA592
상세설명  Silicon RF Switching Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA592 데이터시트(HTML) 10 Page - Infineon Technologies AG

Back Button BA592_07 Datasheet HTML 3Page - Infineon Technologies AG BA592_07 Datasheet HTML 4Page - Infineon Technologies AG BA592_07 Datasheet HTML 5Page - Infineon Technologies AG BA592_07 Datasheet HTML 6Page - Infineon Technologies AG BA592_07 Datasheet HTML 7Page - Infineon Technologies AG BA592_07 Datasheet HTML 8Page - Infineon Technologies AG BA592_07 Datasheet HTML 9Page - Infineon Technologies AG BA592_07 Datasheet HTML 10Page - Infineon Technologies AG BA592_07 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2007-04-19
10
BA592/BA892...
Package TSLP-2-1
Reel ø180 mm = 15.000 Pieces/Reel
Reel ø330 mm = 50.000 Pieces/Reel (optional)
For board assembly information please refer to Infineon website "Packages"
1
2
0.45
Copper
Solder mask
Stencil apertures
0.6
BAS16-02L
Type code
Cathode marking
Laser marking
0.76
4
0.5
Cathode
marking
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
0.4
0.05 MAX.
+0.1
Cathode
marking
1) Dimension applies to plated terminal
Top view
Bottom view
1
2
1)
±0.035
0.5
±0.05
0.6


유사한 부품 번호 - BA592_07

제조업체부품명데이터시트상세설명
logo
Rohm
BA5921FP ROHM-BA5921FP Datasheet
146Kb / 9P
   4-channel BTL driver for CD player and CD-ROM drives
BA5927S ROHM-BA5927S Datasheet
149Kb / 7P
    6chBTL driver for CD
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
95Kb / 6P
   Silicon Monolithic Integrated Circuit
BA5929FP ROHM-BA5929FP_08 Datasheet
95Kb / 6P
   Silicon Monolithic Integrated Circuit
More results

유사한 설명 - BA592_07

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BAR81W KEXIN-BAR81W Datasheet
36Kb / 1P
   Silicon RF Switching Diode
logo
Siemens Semiconductor G...
BA582 SIEMENS-BA582 Datasheet
28Kb / 2P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
   Silicon RF Switching Diode
Aug-17-2001
BAR81WH6327 INFINEON-BAR81WH6327 Datasheet
824Kb / 6P
   Silicon RF Switching Diode
2011-06-14
logo
Guangdong Kexin Industr...
BAR65-02W KEXIN-BAR65-02W Datasheet
31Kb / 1P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR81 INFINEON-BAR81_07 Datasheet
75Kb / 6P
   Silicon RF Switching Diode
2007-04-19
BAT18 INFINEON-BAT18_07 Datasheet
60Kb / 5P
   Silicon RF Switching Diode
2007-03-29
BAR81W INFINEON-BAR81W Datasheet
407Kb / 4P
   Silicon RF Switching Diode
Dec-20-2002
logo
SEMTECH ELECTRONICS LTD...
BA592WS SEMTECH_ELEC-BA592WS Datasheet
245Kb / 3P
   SILICON RF SWITCHING DIODE
logo
Infineon Technologies A...
BAT18-04 INFINEON-BAT18-04_11 Datasheet
815Kb / 5P
   Silicon RF Switching Diode
2011-06-14
BA-892-02V-H6127 INFINEON-BA-892-02V-H6127 Datasheet
976Kb / 11P
   Silicon RF Switching Diode
2011-07-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com