전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR63-04W 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BAR63-04W
상세설명  Silicon PIN Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR63-04W 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BAR63-04W Datasheet HTML 1Page - Infineon Technologies AG BAR63-04W Datasheet HTML 2Page - Infineon Technologies AG BAR63-04W Datasheet HTML 3Page - Infineon Technologies AG BAR63-04W Datasheet HTML 4Page - Infineon Technologies AG BAR63-04W Datasheet HTML 5Page - Infineon Technologies AG BAR63-04W Datasheet HTML 6Page - Infineon Technologies AG BAR63-04W Datasheet HTML 7Page - Infineon Technologies AG BAR63-04W Datasheet HTML 8Page - Infineon Technologies AG BAR63-04W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2007-04-19
4
BAR63...
Diode capacitance CT = ƒ (VR)
f = 1MHz - 1.8GHz
V
EHD07139
R
T
C
0
0V
pF
0.1
0.2
0.3
0.4
0.5
10
20
30
Reverse parallel resistance RP = ƒ(VR)
f = Parameter
0
5
10
15
20
V
30
VR
-1
10
0
10
1
10
2
10
3
10
KOhm
100 MHz
1 GHz
1.8 GHz
Forward resistance rf = ƒ (IF)
f = 100MHz
Ι
EHD07138
F
f
r
10
-2
-1
10
mA
10
-1
10
0
10
1
10
2
10
2
10
0
10
1
Forward current IF = ƒ (VF)
TA = Parameter
mA
0.3
Ι
F
F
EHD07171
V
BAR 63...
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0.5
0.8
1
V
1.2
40
25 ˚C
85
˚C
˚C


유사한 부품 번호 - BAR63-04W

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAR63-04W SIEMENS-BAR63-04W Datasheet
46Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz)
logo
Infineon Technologies A...
BAR63-04W INFINEON-BAR63-04W Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
BAR63-04W INFINEON-BAR63-04W Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
BAR63-04W INFINEON-BAR63-04W Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results

유사한 설명 - BAR63-04W

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com