전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR88-02LRH 데이터시트(PDF) 9 Page - Infineon Technologies AG

부품명 BAR88-02LRH
상세설명  Silicon PIN Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR88-02LRH 데이터시트(HTML) 9 Page - Infineon Technologies AG

Back Button BAR88-02LRH Datasheet HTML 2Page - Infineon Technologies AG BAR88-02LRH Datasheet HTML 3Page - Infineon Technologies AG BAR88-02LRH Datasheet HTML 4Page - Infineon Technologies AG BAR88-02LRH Datasheet HTML 5Page - Infineon Technologies AG BAR88-02LRH Datasheet HTML 6Page - Infineon Technologies AG BAR88-02LRH Datasheet HTML 7Page - Infineon Technologies AG BAR88-02LRH Datasheet HTML 8Page - Infineon Technologies AG BAR88-02LRH Datasheet HTML 9Page - Infineon Technologies AG BAR88-02LRH Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2010-03-05
9
BAR88...
Package TSLP-2-7
1
2
±0.05
0.6
1
2
0.05 MAX.
+0.01
0.39 -0.03
1) Dimension applies to plated terminal
Cathode
marking
1)
±0.035
0.5
Bottom view
Top view
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 15.000 Pieces/Reel
Reel ø330 mm = 50.000 Pieces/Reel (optional)
For board assembly information please refer to Infineon website "Packages"
0.45
Copper
Solder mask
Stencil apertures
0.6
0.76
4
0.5
Cathode
marking
BAR90-02LRH
Type code
Cathode marking
Laser marking


유사한 부품 번호 - BAR88-02LRH

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAR88-02LRH INFINEON-BAR88-02LRH Datasheet
895Kb / 10P
   Silicon PIN Diode
2011-06-17
More results

유사한 설명 - BAR88-02LRH

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com