전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR90-081LS 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 BAR90-081LS
상세설명  Silicon Trench PIN Diode Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR90-081LS 데이터시트(HTML) 1 Page - Infineon Technologies AG

  BAR90-081LS Datasheet HTML 1Page - Infineon Technologies AG BAR90-081LS Datasheet HTML 2Page - Infineon Technologies AG BAR90-081LS Datasheet HTML 3Page - Infineon Technologies AG BAR90-081LS Datasheet HTML 4Page - Infineon Technologies AG BAR90-081LS Datasheet HTML 5Page - Infineon Technologies AG BAR90-081LS Datasheet HTML 6Page - Infineon Technologies AG BAR90-081LS Datasheet HTML 7Page - Infineon Technologies AG BAR90-081LS Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2009-01-26
1
BAR90-081LS
Silicon Trench PIN Diode Array
• Optimized for low bias current antenna
switches in hand held applications
• Very low capacitance at zero volt
reverse bias at frequencies
above 1GHz (typ. 0.19 pF)
• Low forward resistance
(typ. 1.3
Ω @ IF = 3 mA)
• Improved ON / OFF mode harmonic
distortion balance
• Very small form factor: 1.34 x 0.74 x 0.31 mm³
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
BAR90-081LS
1
23
4
5
6
7
8
Type
Package
Configuration
LS(nH) Marking
BAR90-081LS
TSSLP-8-1
quad array
0.2
WM
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
80
V
Forward current
IF
100
mA
Total power dissipation
TS ≤ 137 °C
Ptot
150
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150


유사한 부품 번호 - BAR90-081LS

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAR90-02EL INFINEON-BAR90-02EL Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
BAR90-02EL INFINEON-BAR90-02EL Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
BAR90-02EL INFINEON-BAR90-02EL Datasheet
711Kb / 10P
   Optimized for low bias current antenna switches in hand held applications
2013-06-10
BAR90-02ELS INFINEON-BAR90-02ELS Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
BAR90-02ELS INFINEON-BAR90-02ELS Datasheet
711Kb / 10P
   Silicon Deep Trench PIN Diodes
2013-06-10
More results

유사한 설명 - BAR90-081LS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
209Kb / 8P
   Silicon PIN diode array
Rev. 2-7 September 2010
logo
Quanzhou Jinmei Electro...
BAP70AM_2015 JMNIC-BAP70AM_2015 Datasheet
56Kb / 7P
   Silicon PIN diode array
BAP70AM JMNIC-BAP70AM_15 Datasheet
56Kb / 7P
   Silicon PIN diode array
logo
Infineon Technologies A...
BAR66 INFINEON-BAR66 Datasheet
417Kb / 4P
   Silicon PIN Diode Array
Feb-04-2003
BAR66 INFINEON-BAR66_07 Datasheet
73Kb / 6P
   Silicon PIN Diode Array
2007-04-19
logo
Guangdong Kexin Industr...
BAR66 KEXIN-BAR66 Datasheet
38Kb / 2P
   Silicon PIN Diode Array
logo
NXP Semiconductors
BAP70AM NXP-BAP70AM Datasheet
49Kb / 7P
   Silicon PIN diode array
Rev. 01 20 November 2006
logo
Guangdong Kexin Industr...
HVC136 KEXIN-HVC136 Datasheet
32Kb / 1P
   Silicon Epitaxial Trench Pin Diode
HVC135 KEXIN-HVC135 Datasheet
32Kb / 1P
   Silicon Epitaxial Trench Pin Diode
logo
Renesas Technology Corp
HVL148 RENESAS-HVL148 Datasheet
155Kb / 5P
   Silicon Epitaxial Trench Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com