전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI21N50C3 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 SPI21N50C3
상세설명  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI21N50C3 데이터시트(HTML) 8 Page - Infineon Technologies AG

Back Button SPI21N50C3 Datasheet HTML 4Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 5Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 6Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 7Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 8Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 9Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 10Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 11Page - Infineon Technologies AG SPI21N50C3 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
200
9-12-22
Rev.
3.2
page 8
SPP21N50C
3
SPI21N50C3, SPA21N50C3
13 Forward characteristics of body diode
IF = f (VSD)
parameter: Tj , tp = 10 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
-1
10
0
10
1
10
2
10
A
SPP21N50C3
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
14 Avalanche SOA
IAR = f (tAR)
par.: Tj ≤ 150 °C
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
µs
tAR
0
5
10
A
20
Tj(Start)=25°C
Tj(Start)=125°C
15 Avalanche energy
EAS = f (Tj)
par.: ID = 10 A, VDD = 50 V
20
40
60
80
100
120
°C
160
Tj
0
50
100
150
200
250
300
350
400
450
500
550
600
mJ
750
16 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
450
460
470
480
490
500
510
520
530
540
550
560
570
V
600
SPP21N50C3


유사한 부품 번호 - SPI21N50C3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPI21N50C3 INFINEON-SPI21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPI21N50C3 INFINEON-SPI21N50C3 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
logo
Inchange Semiconductor ...
SPI21N50C3 ISC-SPI21N50C3 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
More results

유사한 설명 - SPI21N50C3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP11N60C3 INFINEON-SPP11N60C3_09 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPB02N60S5 INFINEON-SPB02N60S5_07 Datasheet
349Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com