전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI15N60CFD 데이터시트(PDF) 7 Page - Infineon Technologies AG

부품명 SPI15N60CFD
상세설명  CoolMOSTM Power Transistor Intrinsic fast-recovery body diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI15N60CFD 데이터시트(HTML) 7 Page - Infineon Technologies AG

Back Button SPI15N60CFD Datasheet HTML 3Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 9Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 10Page - Infineon Technologies AG SPI15N60CFD Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SPI15N60CFD
9 Typ. gate charge
10 Forward characteristics of reverse diode
V GS=f(Q gate); I D=13.4 A pulsed
I F=f(V SD)
parameter: V DD
parameter: T j
11 Avalanche SOA
12 Avalanche energy
I AR=f(t AR)
E AS=f(T j); I D=6.7 A; V DD=50 V
parameter: T j(start)
0
60
120
180
240
300
360
420
480
25
75
125
175
T j [°C]
25 °C
150 °C
25 °C, 98%
150 °C, 98%
10
2
10
1
10
0
10
-1
0
0.5
1
1.5
2
V SD [V]
125 °C
25 °C
10
4
10
3
10
2
10
1
10
0
10
-1
10
-2
10
-3
0
2
4
6
8
10
12
14
t AR [µs]
120 V
480 V
0
2
4
6
8
10
020
40
60
80
Q gate [nC]
Rev. 1.0
page 7
2007-01-29


유사한 부품 번호 - SPI15N60CFD

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
SPI15N60CFD ISC-SPI15N60CFD Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - SPI15N60CFD

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPP07N60CFD INFINEON-SPP07N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.4 2009-11-27
SPP15N60CFD INFINEON-SPP15N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.2 2007-08-28
SPA07N60CFD INFINEON-SPA07N60CFD Datasheet
348Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-26
SPA15N60CFD INFINEON-SPA15N60CFD Datasheet
342Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-10
SPW15N60CFD INFINEON-SPW15N60CFD Datasheet
700Kb / 14P
   Intrinsic fast-recovery body diode
2008-02-11 revision:1.2
logo
STMicroelectronics
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
   Fast-recovery body diode
March 2016 Rev 2
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
   Fast-recovery body diode
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
   Fast-recovery body diode
December 2016 Rev 2
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
   Fast-recovery body diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com