전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI15N65C3 데이터시트(PDF) 7 Page - Infineon Technologies AG

부품명 SPI15N65C3
상세설명  CoolMOSTM Power Transistor Features Extreme dv/dt rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI15N65C3 데이터시트(HTML) 7 Page - Infineon Technologies AG

Back Button SPI15N65C3 Datasheet HTML 2Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 3Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 4Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 5Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 6Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 7Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 8Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 9Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SPI15N65C3
13 Typ. capacitances
14 Typ. Coss stored energy
C =f(V DS); V GS=0 V; f =1 MHz
E oss= f(V DS)
0
3
6
9
12
0
100
200
300
400
500
600
V DS [V]
Ciss
Coss
Crss
10
5
10
4
10
3
10
2
10
1
10
0
0
100
200
300
400
500
V DS [V]
Rev. 2.0
page 7
2007-09-10


유사한 부품 번호 - SPI15N65C3

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
SPI15N65C3 ISC-SPI15N65C3 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - SPI15N65C3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPA08N80C3 INFINEON-SPA08N80C3_09 Datasheet
338Kb / 10P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 3.0 2009-12-22
IPW50R350CP INFINEON-IPW50R350CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features Ultra low gate charge Extreme dv/dt rated
Rev. 2.0 2007-11-07
SPP24N60CFD INFINEON-SPP24N60CFD Datasheet
338Kb / 12P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 1.2 2007-08-28
IPW50R299CP INFINEON-IPW50R299CP Datasheet
536Kb / 11P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 2.0 2007-11-07
SPA20N60CFD INFINEON-SPA20N60CFD_09 Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
SPW17N80C3 INFINEON-SPW17N80C3_08 Datasheet
683Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 2.9 2008-10-15
logo
International Rectifier
IRFV360 IRF-IRFV360 Datasheet
207Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED HEXFET TRANSISTOR
IRFU010 IRF-IRFU010 Datasheet
275Kb / 8P
   AVALANCHE AND dv/dt RATED
IRHF7310SE IRF-IRHF7310SE Datasheet
39Kb / 4P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com