전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC903 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 FC903
상세설명  High-Speed Switching Composite Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC903 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  FC903 Datasheet HTML 1Page - Sanyo Semicon Device FC903 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FC903
No.3869-1/2
Features
Composite type with 3 diodes contained in the CP
package currently in use, improving the mounting
efficiency greatly.
The FC903 is formed with 3 chips, each being
equivalent to the DSB010, placed in one package.
High switching speed.
Electrical Connection
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Peak Reverse Voltage
VRM
85
V
Reverse Voltage
VR
80
V
Peak Forward Current
IFM
300
mA
Average Rectified Current
IO
100
mA
Surge Forward Current
IFSM
1
µs4
A
Allowable Power Dissipation
P
Total value
300
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
-- 55 to + 125
°C
Electrical Characteristics at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Forward Voltage
VF1IF=1mA
0.60
V
VF2IF=10mA
0.72
V
VF3IF=100mA
1.2
V
Reverse Current
IR1VR=30V
0.1
µA
IR2VR=80V
0.5
µA
Interterminal Capacitance
C
VR=0, f=1MHz
3.0
pF
Reverse Recovery Time
trr
IF=10mA, VR=6V, RL=50Ω, Irr=0.1Irp
4.0
ns
Note : The specifications shown above are for each individual diode.
Marking : 903
trr Test Circuit
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN3869B
FC903
High-Speed Switching Composite Diode
Package Dimensions
unit : mm
1296
[FC903]
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Silicon Epitaxial Planar Type
--6V--
50ns
0
50‰
50‰
0.01 F
D.U.T
IF=10mA
0.1Irp
Irp
trr
2k‰
82599 GI IM 63098HA(KT) / 31497 GI / N151MH, (KOTO)
1 : Cathode
2 : Cathode
3 : Cathode
4 : Anode
5 : Anode
6 : Anode
12
3
65
4
1 : Cathode
2 : Cathode
3 : Cathode
4 : Anode
5 : Anode
6 : Anode
SANYO : TCP6
0.3
1.1
2.9
0.95
0.8
0 to 0.1
1.9
0.95
12
3
65
4
0.15


유사한 부품 번호 - FC903

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
FC9000 RENESAS-FC9000 Datasheet
407Kb / 6P
   Ultra Low Power Wi-Fi® SoC Full Offload System-on-Chip for IoT Applications
November 14, 2018
logo
Beckhoff Automation Gmb...
FC9001-0010 BECKHOFF-FC9001-0010 Datasheet
109Kb / 2P
   Infrastructure, 1-channel fieldbus card, Ethernet, 100 Mbit/s, PCI, RJ45
FC9002 BECKHOFF-FC9002 Datasheet
141Kb / 2P
   Infrastructure, 2-channel fieldbus card, Ethernet, 100 Mbit/s, PCI, RJ45
FC9004 BECKHOFF-FC9004 Datasheet
143Kb / 2P
   Infrastructure, 4-channel fieldbus card, Ethernet, 100 Mbit/s, PCI, RJ45
FC9011 BECKHOFF-FC9011 Datasheet
108Kb / 2P
   Infrastructure, 1-channel fieldbus card, Ethernet, 1 Gbit/s, PCI, RJ45
More results

유사한 설명 - FC903

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
FC807 SANYO-FC807 Datasheet
46Kb / 2P
   High-Speed Switching Composite Diode Anode Common
FC808 SANYO-FC808 Datasheet
47Kb / 2P
   High-Speed Switching Composite Diode Cathode Common
FC802 SANYO-FC802 Datasheet
42Kb / 2P
   Composite Diode for High-Speed Switching Applications
FC801 SANYO-FC801 Datasheet
43Kb / 2P
   Composite Diode for High-Speed Switching Applications
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com