전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB5620PBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRFB5620PBF
상세설명  DIGITAL AUDIO MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB5620PBF 데이터시트(HTML) 7 Page - International Rectifier

  IRFB5620PBF Datasheet HTML 1Page - International Rectifier IRFB5620PBF Datasheet HTML 2Page - International Rectifier IRFB5620PBF Datasheet HTML 3Page - International Rectifier IRFB5620PBF Datasheet HTML 4Page - International Rectifier IRFB5620PBF Datasheet HTML 5Page - International Rectifier IRFB5620PBF Datasheet HTML 6Page - International Rectifier IRFB5620PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IRFB5620PbF
www.irf.com
7
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
DIU@SI6UDPI6G
Q6SUÃIVH7@S
S@8UDAD@S
GPUÃ8P9@
6TT@H7G`
GPBP
`@6SÃÃ2Ã!
96U@Ã8P9@
X@@FÃ (
GDI@Ã8
GPUÃ8P9@Ã &'(
@Y6HQG@) UCDTÃDTÃ6IÃDSA  Ã
I‚‡r)ÃÅQÅÃvÃh††r€iy’Ãyvr†v‡v‚
vqvph‡r†ÃÅGrhqÃÃA…rrÅ
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ8Å
6TT@H7G@9ÃPIÃXXÃ (Ã!
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
TO-220AB packages are not recommended for Surface Mount Application.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 09/2008


유사한 부품 번호 - IRFB5620PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB5620PBF IRF-IRFB5620PBF_15 Datasheet
274Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
More results

유사한 설명 - IRFB5620PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com