전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB4410ZGPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFB4410ZGPBF
상세설명  HEXFETPower MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB4410ZGPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFB4410ZGPBF Datasheet HTML 1Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 2Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 3Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 4Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 5Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 6Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 7Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
01/06/09
www.irf.com
1
HEXFET® Power MOSFET
S
D
G
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
l Halogen-Free
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
TO-220AB
IRFB4410ZGPbF
IRFB4410ZGPbF
GD
S
Gate
Drain
Source
VDSS
100V
RDS(on) typ.
7.2m
:
max.
9.0m
:
ID(SiliconLimited)
97A
PD - 96213
S
D
G
D
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
e
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case i
–––
0.65
RθCS
Case-to-Sink, Flat Greased Surface , TO-220
0.50
–––
°C/W
RθJA
Junction-to-Ambient, TO-220
–––
62
°C
300
Max.
97
69
390
242
See Fig. 14, 15, 22a, 22b,
230
16
-55 to + 175
± 20
1.5
10lbf
xin (1.1Nxm)


유사한 부품 번호 - IRFB4410ZGPBF

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFB4410ZG ISC-IRFB4410ZG Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
More results

유사한 설명 - IRFB4410ZGPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
   HEXFETPower MOSFET
IRLM6402GPBF IRF-IRLM6402GPBF Datasheet
184Kb / 8P
   HEXFETPower MOSFET
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
   HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
   HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
   HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
IRF7452QPBF IRF-IRF7452QPBF_10 Datasheet
189Kb / 8P
   HEXFETPower MOSFET
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
   HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
   HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com