전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB4310ZGPBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRFB4310ZGPBF
상세설명  HEXFETPower MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB4310ZGPBF 데이터시트(HTML) 3 Page - International Rectifier

  IRFB4310ZGPBF Datasheet HTML 1Page - International Rectifier IRFB4310ZGPBF Datasheet HTML 2Page - International Rectifier IRFB4310ZGPBF Datasheet HTML 3Page - International Rectifier IRFB4310ZGPBF Datasheet HTML 4Page - International Rectifier IRFB4310ZGPBF Datasheet HTML 5Page - International Rectifier IRFB4310ZGPBF Datasheet HTML 6Page - International Rectifier IRFB4310ZGPBF Datasheet HTML 7Page - International Rectifier IRFB4310ZGPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFB4310ZGPbF
www.irf.com
3
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 25°C
4.5V
VGS
TOP
15V
10V
8.0V
6.0V
5.5V
5.0V
4.8V
BOTTOM
4.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 175°C
4.5V
VGS
TOP
15V
10V
8.0V
6.0V
5.5V
5.0V
4.8V
BOTTOM
4.5V
2.0
3.0
4.0
5.0
6.0
7.0
8.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
VDS = 50V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 75A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
0
2000
4000
6000
8000
10000
12000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
40
80
120
160
200
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= 80V
VDS= 50V
VDS= 20V
ID= 75A


유사한 부품 번호 - IRFB4310ZGPBF

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFB4310Z ISC-IRFB4310Z Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
IRFB4310Z UMW-IRFB4310Z Datasheet
838Kb / 9P
   100 V N-Channel MOSFET
logo
International Rectifier
IRFB4310ZPBF IRF-IRFB4310ZPBF Datasheet
426Kb / 11P
   HEXFET Power MOSFET
IRFB4310ZPBF IRF-IRFB4310ZPBF Datasheet
330Kb / 11P
   High Efficiency Synchronous Rectification in SMPS
IRFB4310ZPBF IRF-IRFB4310ZPBF Datasheet
330Kb / 11P
   High Efficiency Synchronous Rectification in SMPS
More results

유사한 설명 - IRFB4310ZGPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
   HEXFETPower MOSFET
IRLM6402GPBF IRF-IRLM6402GPBF Datasheet
184Kb / 8P
   HEXFETPower MOSFET
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
   HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
   HEXFETPower MOSFET
IRFB4410ZGPBF IRF-IRFB4410ZGPBF Datasheet
300Kb / 8P
   HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
   HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
IRF7452QPBF IRF-IRF7452QPBF_10 Datasheet
189Kb / 8P
   HEXFETPower MOSFET
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
   HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
   HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com