전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB3006PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFB3006PBF
상세설명  HEXFETPower MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB3006PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRFB3006PBF Datasheet HTML 1Page - International Rectifier IRFB3006PBF Datasheet HTML 2Page - International Rectifier IRFB3006PBF Datasheet HTML 3Page - International Rectifier IRFB3006PBF Datasheet HTML 4Page - International Rectifier IRFB3006PBF Datasheet HTML 5Page - International Rectifier IRFB3006PBF Datasheet HTML 6Page - International Rectifier IRFB3006PBF Datasheet HTML 7Page - International Rectifier IRFB3006PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFB3006PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 12. Maximum Avalanche Energy Vs. DrainCurrent
0.0
0.4
0.8
1.2
1.6
2.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
250
300
LIMITED BY PACKAGE
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
55
60
65
70
75
80
ID = 5mA
0
10
20
30
40
50
60
VDS, Drain-to-Source Voltage (V)
0.0
0.5
1.0
1.5
2.0
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
200
400
600
800
1000
1200
1400
I D
TOP
20A
27A
BOTTOM
170A
0.1
1
10
100
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100μsec
DC
LIMITED BY PACKAGE


유사한 부품 번호 - IRFB3006PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB3006PBF IRF-IRFB3006PBF Datasheet
251Kb / 9P
   Hard Switched and High Frequency Circuits
IRFB3006PBF IRF-IRFB3006PBF_15 Datasheet
251Kb / 9P
   Hard Switched and High Frequency Circuits
More results

유사한 설명 - IRFB3006PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
   HEXFETPower MOSFET
IRLM6402GPBF IRF-IRLM6402GPBF Datasheet
184Kb / 8P
   HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
   HEXFETPower MOSFET
IRFB4410ZGPBF IRF-IRFB4410ZGPBF Datasheet
300Kb / 8P
   HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
   HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
IRF7452QPBF IRF-IRF7452QPBF_10 Datasheet
189Kb / 8P
   HEXFETPower MOSFET
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
   HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
   HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com