전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6717MPBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF6717MPBF
상세설명  DirectFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6717MPBF 데이터시트(HTML) 4 Page - International Rectifier

  IRF6717MPBF Datasheet HTML 1Page - International Rectifier IRF6717MPBF Datasheet HTML 2Page - International Rectifier IRF6717MPBF Datasheet HTML 3Page - International Rectifier IRF6717MPBF Datasheet HTML 4Page - International Rectifier IRF6717MPBF Datasheet HTML 5Page - International Rectifier IRF6717MPBF Datasheet HTML 6Page - International Rectifier IRF6717MPBF Datasheet HTML 7Page - International Rectifier IRF6717MPBF Datasheet HTML 8Page - International Rectifier IRF6717MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF6717MPbF
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance vs.
Drain Current and Gate Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.3V
3.0V
2.8V
BOTTOM
2.5V
≤60µs PULSE WIDTH
Tj = 25°C
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.5V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
5.0V
4.5V
3.5V
3.3V
3.0V
2.8V
BOTTOM
2.5V
1
2
3
4
5
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 15V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 38A
VGS = 10V
VGS = 4.5V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
50
100
150
200
ID, Drain Current (A)
0
1
2
3
4
5
6
TJ = 25°C
Vgs = 3.5V
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.0V
Vgs = 10V


유사한 부품 번호 - IRF6717MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6717MPBF IRF-IRF6717MPBF Datasheet
274Kb / 9P
   RoHs Compliant and Halgen Free
IRF6717MPBF IRF-IRF6717MPBF Datasheet
223Kb / 9P
   RoHs Compliant and Halgen Free
IRF6717MPBF IRF-IRF6717MPBF_15 Datasheet
223Kb / 9P
   RoHs Compliant and Halgen Free
More results

유사한 설명 - IRF6717MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6716MPBF IRF-IRF6716MPBF_09 Datasheet
280Kb / 9P
   DirectFETPower MOSFET
IRF6725MPBF IRF-IRF6725MPBF_09 Datasheet
263Kb / 9P
   DirectFETPower MOSFET
IRF6727MTRPBF IRF-IRF6727MTRPBF_09 Datasheet
264Kb / 9P
   DirectFETPower MOSFET
IRF6720S2TR1PBF IRF-IRF6720S2TR1PBF_09 Datasheet
279Kb / 10P
   DirectFETPower MOSFET
IRF6637 IRF-IRF6637 Datasheet
265Kb / 9P
   DirectFETPower MOSFET
IRF6674TRPBF IRF-IRF6674TRPBF_08 Datasheet
255Kb / 9P
   DirectFETPower MOSFET
IRF6721SPBF IRF-IRF6721SPBF Datasheet
274Kb / 9P
   DirectFETPower MOSFET
IRF6715MPBF IRF-IRF6715MPBF_09 Datasheet
264Kb / 9P
   DirectFETPower MOSFET
IRF6714MPBF IRF-IRF6714MPBF_09 Datasheet
261Kb / 9P
   DirectFETPower MOSFET
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com