전자부품 데이터시트 검색엔진 |
|
SI4432-B1-FM 데이터시트(PDF) 11 Page - Silicon Laboratories |
|
SI4432-B1-FM 데이터시트(HTML) 11 Page - Silicon Laboratories |
11 / 74 page Si4430/31/32-B1 Rev 1.1 11 Table 5. Auxiliary Block Specifications1 Parameter Symbol Conditions Min Typ Max Units Temperature Sensor Accuracy2 TSA After calibrated via sensor offset register tvoffs[7:0] —0.5 — °C Temperature Sensor Sensitivity2 TSS —5 — mV/°C Low Battery Detector Resolution2 LBDRES —50 — mV Low Battery Detector Conversion Time2 LBDCT —250 — µs Microcontroller Clock Output Frequency FMC Configurable to 30 MHz, 15 MHz, 10 MHz, 4 MHz, 3MHz, 2MHz, 1MHz, or 32.768 kHz 32.768K — 30M Hz General Purpose ADC Resolution2 ADCENB —8 — bit General Purpose ADC Bit Resolution2 ADCRES —4 — mV/bit Temp Sensor & General Purpose ADC Conversion Time2 ADCCT —305 — µs 30 MHz XTAL Start-Up time t30M Using XTAL and board layout in reference design. Start-up time will vary with XTAL type and board layout. —600 — µs 30 MHz XTAL Cap Resolution2 30MRES See "5.8. Crystal Oscillator" on page 40 for total load capacitance calculation —97 — fF 32 kHz XTAL Start-Up Time2 t32k —6 — sec 32 kHz Accuracy using Internal RC Oscillator2 32KRCRES —1000 — ppm 32 kHz RC Oscillator Start- Up t32kRC —500 — µs POR Reset Time tPOR —16 — ms Software Reset Time2 tsoft —250 — µs Notes: 1. All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are listed in the "Production Test Conditions" section on page 14. 2. Guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions" section on page 14. |
유사한 부품 번호 - SI4432-B1-FM |
|
유사한 설명 - SI4432-B1-FM |