전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13851EP 데이터시트(PDF) 11 Page - Freescale Semiconductor, Inc

부품명 MC13851EP
상세설명  General Purpose Low Noise Amplifier with Bypass Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13851EP 데이터시트(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC13851EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 14Page - Freescale Semiconductor, Inc MC13851EP Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Application Information
MC13851 Advance Information, Rev. 2.0
Freescale Semiconductor
11
Input Return Loss
S11
dB
High Gain
-11
-8
Bypass
-11
-8
Gain
S21
dB
High Gain
18
19
Bypass
-7
-5.5
Reverse Isolation
S12
dB
High Gain
-27
-25
Bypass
-5.7
-4.4
Output Return Loss
S22
dB
High Gain
-14.9
-9
Bypass
-18
-9
R1=1.5 k
Ω
Frequency
f
1575
MHz
RF Gain
GdB
High Gain
18
19
Bypass
-6.5
-5.5
Output Third Order Intercept Point
OIP3
dBm
High Gain
13.9
15.9
Bypass
19
20.3
Input Third Order Intercept Point
IIP3
dBm
High Gain
-5.5
-3.2
Bypass
24
26
Out Ref P1dB
P1dBout
dBm
High Gain
6.6
7.6
In Ref P1dB
P1dBin
dBm
High Gain
-13.5
-11.5
Noise Figure
NF
dB
High Gain
1.27
1.6
Bypass
5.9
6.9
Current Draw
Icc
High Gain
3.8
4.8
mA
Bypass
4
20
μA
Rbias R1 Value
1.5
k
Ω
Input Return Loss
S11
dB
High Gain
-10.6
-8.6
Bypass
-11.5
-10
Gain
S21
dB
High Gain
17.9
18.9
Bypass
-6.5
-5.5
Reverse Isolation
S12
dB
High Gain
-25.9
-24.5
Bypass
-5.6
-4.6
Table 6. Typical 1575 MHz Evaluation Board Performance (continued)
(Vcc = 2.75V, TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit


유사한 부품 번호 - MC13851EP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC13851EP NXP-MC13851EP Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
More results

유사한 설명 - MC13851EP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13852 FREESCALE-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com