전자부품 데이터시트 검색엔진 |
|
MCZ33905D5R2 데이터시트(PDF) 9 Page - Freescale Semiconductor, Inc |
|
MCZ33905D5R2 데이터시트(HTML) 9 Page - Freescale Semiconductor, Inc |
9 / 98 page Analog Integrated Circuit Device Data Freescale Semiconductor 9 33903/4/5 PIN CONNECTIONS PIN CONNECTIONS 4 5 6 7 8 9 10 11 12 2 3 54 51 50 49 48 47 46 45 44 43 53 52 1 13 14 15 16 42 41 40 39 54 pins exposed package MC33905D 17 18 19 20 21 22 23 24 25 26 27 38 37 36 35 34 33 32 31 30 29 28 TXDL2 GND RXDL2 LIN-2 MISO SCLK MOSI VSENSE CS VDD TXD VE VB I/O-1 RXD-L1 TXD-L1 LIN-1 INT RST RXD SAFE 5V-CAN CANL SPLIT DBG CANH VSUP2 MUX-OUT V-AUX V-CAUX V-BAUX VSUP1 LIN-T1 GND CAN LIN-T2 I/O-0 GND NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC NC 4 5 6 7 8 9 10 11 12 2 3 32 29 28 27 26 25 24 23 22 21 31 30 1 13 14 15 16 20 19 18 17 MC33904 MISO SCLK MOSI VSENSE CS VDD TXD SAFE 5V-CAN CANL SPLIT DBG CANH VSUP2 VE VB I/O-1 NC NC NC GND - LEAD FRAME MUX-OUT V-AUX V-CAUX V-BAUX VSUP1 I/O-4 GND CAN INT RST I/O-3 RXD I/O-0 32 pins exposed package 4 5 6 7 8 9 10 11 12 2 3 32 29 28 27 26 25 24 23 22 21 31 30 1 13 14 15 16 20 19 18 17 MC33905S MISO SCLK MOSI VSENSE CS VDD TXD SAFE 5V-CAN CANL SPLIT DBG CANH VSUP2 VE VB I/O-1 RXD-L TXD-L LIN GND - LEAD FRAME MUX-OUT V-AUX V-CAUX V-BAUX VSUP1 LIN-T GND CAN INT RST I/O-3 RXD I/O-0 32 pins exposed package GROUND GROUND Note 1: Exposed pad should be connected to electrical ground See Note 1 Below 4 5 6 7 8 9 10 11 12 2 3 32 29 28 27 26 25 24 23 22 21 31 30 1 13 14 15 16 20 19 18 17 MC33903 MISO SCLK MOSI CS VDD TXD SAFE 5V-CAN CANL SPLIT DBG CANH NC NC NC GND - LEAD FRAME NC VSUP1 GND CAN INT RST RXD I/O-0 32 pins exposed package GROUND NC NC NC NC VSUP2 NC NC NC NC NC Figure 9. 33903/4/5 Pin Connections |
유사한 부품 번호 - MCZ33905D5R2 |
|
유사한 설명 - MCZ33905D5R2 |