전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW111 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 FW111
상세설명  Load S/W Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW111 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  FW111 Datasheet HTML 1Page - Sanyo Semicon Device FW111 Datasheet HTML 2Page - Sanyo Semicon Device FW111 Datasheet HTML 3Page - Sanyo Semicon Device FW111 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D1498TS (KOTO) TA-1214 No.5909-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
P-Channel Silicon MOSFET
Load S/W Applications
Ordering number:EN5909
FW111
Specifications
Absolute Maximum Ratings at Ta = 25˚C
14
5
8
0.2
5.0
0.595
1.27
0.43
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
2129
[FW111]
Features
· 2.5V drive.
· Low ON resistance.
1:Source1
2:Gate1
3:Source2
4:Gate2
5:Drain2
6:Drain2
7:Drain1
8:Drain1
SANYO:SOP8
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
=
S
G
0
=0
2
–V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
-
o
r
e
ZI
S
S
D
V S
D
V
,
V
0
2
=
S
G
0
=0
0
1
–A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
8
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
0
1
=
D
A
m
1
=4
.
0
–4
.
1
–V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
s
f
y
|V S
D
I
,
V
0
1
=
D
A
5
=8
2
1S
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
n
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
S
R
)
n
o
(
S
D
1ID
V
,
A
5
=
S
G
V
4
=4
48
5m
R
)
n
o
(
S
D
2ID
V
,
A
2
=
S
G
V
5
.
2
=5
68
9m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
8
9F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
0
5F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
1
2F
p
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
2
–V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
0
1
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
5
–A
)
e
s
l
u
p
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
W
P
e
l
c
y
c
y
t
u
d
,
s
µ
0
1
≤ %
12
3
–A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
APD
7
.
1W
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
.
2W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
Mounted on a ceramic board (1000mm2
×0.8mm) 1unit
Mounted on a ceramic board (1000mm2
×0.8mm)
˚C
˚C
Continued on next page.


유사한 부품 번호 - FW111

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
FW113 SANYO-FW113 Datasheet
46Kb / 3P
   S/W Load Applications
FW114 SANYO-FW114 Datasheet
47Kb / 3P
   S/W Load Applications
FW115 SANYO-FW115 Datasheet
46Kb / 3P
   S/W Load Applications
More results

유사한 설명 - FW111

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
FW115 SANYO-FW115 Datasheet
46Kb / 3P
   S/W Load Applications
FW114 SANYO-FW114 Datasheet
47Kb / 3P
   S/W Load Applications
FSS101 SANYO-FSS101 Datasheet
116Kb / 4P
   Load S/W Applications
FW113 SANYO-FW113 Datasheet
46Kb / 3P
   S/W Load Applications
FTD2012 SANYO-FTD2012 Datasheet
10Kb / 1P
   N- Channel Silicon MOS FET Load S/W USE
logo
Guangdong Kexin Industr...
KTS1012 KEXIN-KTS1012 Datasheet
48Kb / 2P
   Load Switching Applications
logo
Toshiba Semiconductor
SSM6E01TU TOSHIBA-SSM6E01TU_07 Datasheet
182Kb / 8P
   Load Switch Applications
SSM3K15AFS TOSHIBA-SSM3K15AFS Datasheet
212Kb / 5P
   Load Switching Applications
logo
Sanyo Semicon Device
2SJ520 SANYO-2SJ520 Datasheet
44Kb / 4P
   Load Switching Applications
FTD2011 SANYO-FTD2011 Datasheet
69Kb / 4P
   Load Switching Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com