전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL33001 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL33001
상세설명  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33001 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL33001 Datasheet HTML 4Page - Intersil Corporation ISL33001 Datasheet HTML 5Page - Intersil Corporation ISL33001 Datasheet HTML 6Page - Intersil Corporation ISL33001 Datasheet HTML 7Page - Intersil Corporation ISL33001 Datasheet HTML 8Page - Intersil Corporation ISL33001 Datasheet HTML 9Page - Intersil Corporation ISL33001 Datasheet HTML 10Page - Intersil Corporation ISL33001 Datasheet HTML 11Page - Intersil Corporation ISL33001 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN7560.2
September 30, 2010
FIGURE 5A. TEST CIRCUIT
FIGURE 5B. MEASUREMENT POINTS
FIGURE 5. PROPAGATION DELAY
FIGURE 6. ACCELERATOR CURRENT TEST CIRCUIT
FIGURE 7. ACCELERATOR PULSE WIDTH TEST CIRCUIT
Test Circuits and Waveforms (Continued)
SCL_IN
SDA_IN
SCL_OUT
SDA_OUT
VCC1
+3.3V
2.7kΩ
2.7kΩ
2.7kΩ
GND
VIN
2.7kΩ
100pF
100pF
VIN
100pF
100pF
SCL_IN OR
SDA_IN
SCL_OUT OR
SDA_OUT
*tPLH
*tPHL
*Propagation delay measured between 50% of VCC1
SCL_IN
SDA_IN
SCL_OUT
SDA_OUT
VCC1
2.7kΩ
2.7kΩ
GND
2.7kΩ
VCC1
2nF
100kΩ
IACC = CΔV/Δt
SCL_IN
SDA_IN
SCL_OUT
SDA_OUT
VCC1
10kΩ
10kΩ
GND
10kΩ
VCC1
10kΩ
*VX
*VX
*VX < VCC1
(See Figure 20)
ISL33001, ISL33002, ISL33003


유사한 부품 번호 - ISL33001

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
ISL33001IBZ INTERSIL-ISL33001IBZ Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Renesas Technology Corp
ISL33001IBZ RENESAS-ISL33001IBZ Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
More results

유사한 설명 - ISL33001

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com