전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL33002MSOPEVAL1Z 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL33002MSOPEVAL1Z
상세설명  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33002MSOPEVAL1Z 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL33002MSOPEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN7560.2
September 30, 2010
Coming out of UVLO but prior to a valid connection state,
the SDA and SCL pins are pre-charged to 1V to allow hot
insertion. Because the bus at any time can be between
0V and VCC, pre-charging the I/O pins to 1V reduces the
maximum differential voltage from the buffer I/O pin and
the active bus. The pre-charge circuitry reduces system
disturbance when the IC is hot plugged into a live back
plane that may have the bus communicating with other
devices.
Note - For ISL33001 and ISL33003 with EN pins, the
pre-charge circuitry is active only after coming out of
UVLO and having the device enabled.
Connection Circuitry
Once a valid connection condition is met, the buffer is
active and the input stage of the SDA/SCL pins is
controlled by external drivers. The output of the buffer
will follow the input of the buffer. The directionality of the
IN/OUT pins are not exclusive (bi-directional operation)
and functionally behave identical to each other. Being a
two channel buffer, the SDA and SCL pins also behave
identically. In addition, the SDA and SCL portions of the
buffer are independent from each other. The SDA pins
can be driven in one direction while the SCL pins can be
driven opposite.
Refer to Figure 8 for the operation of the bi-directional
buffer. When the input stage of the buffer on one side is
driven low by an external device, the output of the buffer
drives an open-drain transistor to pull the ‘output’ pin
low. The ‘output’ pin will continue to be held low by the
transistor until the external driver on the ‘input’ releases
the bus.
To prevent the buffer from entering a latched condition
where both internal transistors are actively pulling the
I/O pins low, the buffer is designed to be active in only
one direction. The buffer logic circuitry senses which
input stage is being externally driven low and sets that
buffer to be the active one. For example, referring to
Figure 8, if SDA_OUT is externally driven low, buffer U2
will be active and buffer U1 is inactive. M1 is turned on to
drive SDA_IN low, effectively buffering the signal from
SDA_OUT to SDA_IN. The low signal at the input of U1
will not turn M2 on because U1 remains inactive,
preventing a latch condition.
Buffer Output Low and Offset Voltage
By design, when a logic input low voltage is forced on the
input of the buffer, the output of the buffer will have an
input to output offset voltage. The output voltage of the
buffer is determined by Equation 1:
Where VOS is the buffer internal offset voltage, RPull-Up is
the pull up resistance on the SDA/SCL pin to VCC and
RON is the ON resistance of the buffer’s internal NMOS
pull-down device. The last term of the equation is the
additional voltage drop developed by sink current and
the internal resistance of the transistor. The VOS of the
buffer can be determined by Figures 17, 18 and is
typically 40mV. Reducing the pull-up resistor values
increases the sink current and increases the output
voltage of the buffer for a given input low voltage
(Figures 15, 16, 17, 18).
Rise Time Accelerators
The ISL33001, ISL33002, ISL33003 buffer rise time
accelerators on the SDA/SCL pins improve the transient
performance of the system. Heavy load capacitance or
weak pull-up resistors on an Open-Drain bus cause the
rise time to be excessively long, which leads to data
errors or reduced data rate performance. The rise time
accelerators are only active on the low to high transitions
and provide an active constant current source to slew the
voltage on the pin quickly (Figure 19).
The rise time accelerators are triggered immediately
after the buffer release threshold (approximately 30% of
VCC) on both sides of the buffer is crossed. Once
triggered, the accelerators are active for a defined pulse
width (Figure 20) with the current source turning off as it
approaches the supply voltage.
Enable Pin (ISL33001 and ISL33003)
When driven high, the enable pin puts the buffer into its
normal operating state. After power-up, EN high will
activate the bus pre-charge circuitry and wait for a valid
connection state to enable the buffer and the accelerator
circuitry.
Driving the EN pin low disables the accelerators, disables
the buffer so that signals on one side of the buffer will be
isolated from the other side, disables the pre-charge
circuit and places the device in a low power shutdown
state.
READY Logic Pin (ISL33001 Only)
The READY pin is a digital output flag for signaling the
status of the buffer. The pin is the drain of an Open-Drain
NMOS. Connect a resistor from the READY pin to VCC1 to
provide the high pull-up. The recommended value is
10kΩ.
When the buffer is disabled by having the EN pin low or if
the start-up sequencing is not complete, the READY pin
will be pulled low by the NMOS. When the buffer has the
EN pin high and a valid connection state is made at the
SDA/SCL pins, the READY pin will be pulled high by the
pull-up resistor. The READY pin is capable of sinking 3mA
when pulled low while maintaining a voltage of less than
0.4V.
ACC Accelerator Pin (ISL33002 Only)
The ACC logic pin controls the rise time accelerator
circuitry of the buffer. When ACC is driven high, the
accelerators are enabled and will be triggered when
crossing the buffer release threshold. When ACC is driven
low, the accelerators are disabled.
For lightly loaded buses, having the accelerators active
may cause ringing or noise on the rising edge transition.
Disabling the accelerators will have the buffers continue
V
OUT
V
IN
V
OS
V
CC RPULL-UP
R
ON
×
[]
++
=
(EQ. 1)
ISL33001, ISL33002, ISL33003


유사한 부품 번호 - ISL33002MSOPEVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL33002MSOPEVAL1Z INTERSIL-ISL33002MSOPEVAL1Z Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Renesas Technology Corp
ISL33002MSOPEVAL1Z RENESAS-ISL33002MSOPEVAL1Z Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
More results

유사한 설명 - ISL33002MSOPEVAL1Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com