전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD3860 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDD3860
상세설명  N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3860 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDD3860 Datasheet HTML 1Page - Fairchild Semiconductor FDD3860 Datasheet HTML 2Page - Fairchild Semiconductor FDD3860 Datasheet HTML 3Page - Fairchild Semiconductor FDD3860 Datasheet HTML 4Page - Fairchild Semiconductor FDD3860 Datasheet HTML 5Page - Fairchild Semiconductor FDD3860 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
©2008 Fairchild Semiconductor Corporation
FDD3860 Rev.C1
Figure 7.
0
5
10
15
20
25
0
2
4
6
8
10
ID = 5.9A
VDD = 75V
VDD = 25V
Qg, GATE CHARGE (nC)
VDD = 50V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
10
100
1000
3000
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
100
2
4
6
8
10
1
TJ = 25oC
TJ = 125oC
t
AV, TIME IN AVALANCHE (ms)
Unclamped Inductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
7
14
21
28
35
RθJC = 1.8
o
C/W
VGS = 10V
T
C
, CASE TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs Case Temperature
Figure 11. Forward Bias Safe
Operating Area
0.1
1
10
100
0.1
1
10
100
DC
10ms
1ms
100us
THIS AREA IS
LIMITED BY rds(on)
300
SINGLE PULSE
TJ = MAX RATED
RθJC = 1.8
oC/W
TC = 25oC
VDS, DRAIN to SOURCE VOLTAGE (V)
Figure 12.
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
10
2
10
3
10
4
10
5
V
GS = 10V
SINGLE PULSE
RθJC = 1.8
o
C/W
t, PULSE WIDTH (sec)
Single Pulse Maximum Power Dissipation
Typical Characteristics T
J = 25°C unless otherwise noted


유사한 부품 번호 - FDD3860

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD3860 FAIRCHILD-FDD3860 Datasheet
335Kb / 6P
   N-Channel PowerTrench MOSFET 100V, 29A, High performance trench technology for extremely low
logo
Inchange Semiconductor ...
FDD3860 ISC-FDD3860 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD3860

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com