전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT157DB 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74HCT157DB
상세설명  Quad 2-input multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT157DB 데이터시트(HTML) 1 Page - NXP Semiconductors

  74HCT157DB Datasheet HTML 1Page - NXP Semiconductors 74HCT157DB Datasheet HTML 2Page - NXP Semiconductors 74HCT157DB Datasheet HTML 3Page - NXP Semiconductors 74HCT157DB Datasheet HTML 4Page - NXP Semiconductors 74HCT157DB Datasheet HTML 5Page - NXP Semiconductors 74HCT157DB Datasheet HTML 6Page - NXP Semiconductors 74HCT157DB Datasheet HTML 7Page - NXP Semiconductors 74HCT157DB Datasheet HTML 8Page - NXP Semiconductors 74HCT157DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74HC157; 74HCT157 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL. It is specified in compliance with JEDEC standard no. 7A.
The 74HC/HCT157 are quad 2-input multiplexers which select 4 bits of data from two
sources under the control of a common data select input (S). The enable input (E) is
active LOW. When E is HIGH, all of the outputs (1Y to 4Y) are forced LOW regardless of
all other input conditions.
Moving the data from two groups of registers to four common output buses is a common
use of the 74HC/HCT157. The state of the common data select input (S) determines the
particular register from which the data comes. It can also be used as function generator.
The device is useful for implementing highly irregular logic by generating any four of the
16 different functions of two variables with one variable common. The 74HC/HCT157 is
logic implementation of a 4-pole, 2-position switch, where the position of the switch is
determine by the logic levels applied to S.
The logic equations are:
1Y = E
 (1I1 S+ 1I0 S)
2Y = E
 (2I1 S+ 2I0 S)
3Y = E
 (3I1 S+ 3I0 S)
4Y = E
 (4I1 S+ 4I0 S)
The 74HC/HCT157 is identical to the 74HC158 but has non-inverting (true) outputs.
2.
Features and benefits
Low-power dissipation
Non-inverting data path
ESD protection:
HBM JESD22-A114F exceeds 2 000 V
MM JESD22-A115-A exceeds 200 V
Specified from
40 Cto+85 C and from 40 Cto+125 C
74HC157; 74HCT157
Quad 2-input multiplexer
Rev. 3 — 31 December 2010
Product data sheet


유사한 부품 번호 - 74HCT157DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT157D PHILIPS-74HCT157D Datasheet
44Kb / 7P
   Quad 2-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HCT157D NEXPERIA-74HCT157D Datasheet
262Kb / 15P
   Quad 2-input multiplexer
Rev. 9 - 24 July 2020
74HCT157D-Q100 NEXPERIA-74HCT157D-Q100 Datasheet
782Kb / 17P
   Quad 2-input multiplexer
74HCT157D-Q100 NEXPERIA-74HCT157D-Q100 Datasheet
261Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 24 July 2020
logo
ON Semiconductor
74HCT157DR2G ONSEMI-74HCT157DR2G Datasheet
138Kb / 9P
   Quad 2?묲nput Data Selectors / Multiplexers High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
More results

유사한 설명 - 74HCT157DB

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com