전자부품 데이터시트 검색엔진 |
|
74HCT157PW 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
74HCT157PW 데이터시트(HTML) 2 Page - NXP Semiconductors |
2 / 18 page 74HC_HCT157 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 3 — 31 December 2010 2 of 18 NXP Semiconductors 74HC157; 74HCT157 Quad 2-input multiplexer 3. Ordering information 4. Functional diagram Table 1. Ordering information Type number Package Temperature range Name Description Version 74HC157N 40 C to +125 C DIP16 plastic dual in-line package; 16 leads (300 mil) SOT38-4 74HCT157N 74HC157D 40 C to +125 C SO16 plastic small outline package; 16 leads; body width 3.9 mm SOT109-1 74HCT157D 74HC157DB 40 C to +125 C SSOP16 plastic shrink small outline package; 16 leads; body width 5.3 mm SOT338-1 74HCT157DB 74HC157PW 40 C to +125 C TSSOP16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm SOT403-1 74HCT157PW 74HC157BQ 40 C to +125 C DHVQFN16 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 3.5 0.85 mm SOT763-1 74HCT157BQ Fig 1. Logic diagram Fig 2. logic symbol 1Y 1I1 1I0 2Y 2I1 2I0 3Y 3I1 3I0 mna484 4Y 4I1 4I0 S E mna481 S 1 15 12 9 7 4 13 14 10 11 6 5 3 2 E 1Y 1I1 1I0 2Y 2I1 2I0 3Y 3I1 3I0 4Y 4I1 4I0 |
유사한 부품 번호 - 74HCT157PW |
|
유사한 설명 - 74HCT157PW |