전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4705 데이터시트(PDF) 1 Page - EIC discrete Semiconductors

부품명 1N4705
상세설명  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4705 데이터시트(HTML) 1 Page - EIC discrete Semiconductors

  1N4705 Datasheet HTML 1Page - EIC discrete Semiconductors 1N4705 Datasheet HTML 2Page - EIC discrete Semiconductors 1N4705 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4678 - 1N4717
ZENER DIODES
VZ : 1.8 - 43 V
PD : 500 mW
FEATURES :
* Zener voltage specified at 50 µA
* Maximum delta VZ given from 10 µA to 100 µA
* Very high stability
* Low noise
* Pb / RoHS Free
MECHANICAL DATA :
Case:
DO-35 Glass Case
Weight:
approx. 0.13g
Maximum Ratings and Thermal Characteristics
Rating at 25 °C ambient temperature unless otherwise specifie
Symbol
Value
Unit
Power Dissipation
at TL ≤ 50 °C (Note1)
PD
500
mW
Maximum Forward Voltage at IF = 200 mA
VF
1.1
V
Thermal Resistance Junction to Ambient
RӨJA
310
°C/W
Thermal Resistance Junction to Lead
RӨJL
250
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 175
°C
Note :
(1) At 3/8" (10 mm) lead length from body, when mounted on FR4 PC board as described for thermal resistance.
Page 1 of 3
Rev. 01 : August 16, 2006
Parameter
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
Certificate TH97/10561QM
Certificate TW00/17276EM


유사한 부품 번호 - 1N4705

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4705 VISHAY-1N4705 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Digitron Semiconductors
1N4705 DIGITRON-1N4705 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
Compensated Deuices Inc...
1N4705 CDI-DIODE-1N4705 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Micro Commercial Compon...
1N4705 MCC-1N4705 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
General Semiconductor
1N4705 GE-1N4705 Datasheet
40Kb / 2P
   ZENER DIODES
More results

유사한 설명 - 1N4705

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com