전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1135M 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LA1135M
상세설명  AM Tuner System for Car Radios and Home Stereos
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1135M 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LA1135M Datasheet HTML 1Page - Sanyo Semicon Device LA1135M Datasheet HTML 2Page - Sanyo Semicon Device LA1135M Datasheet HTML 3Page - Sanyo Semicon Device LA1135M Datasheet HTML 4Page - Sanyo Semicon Device LA1135M Datasheet HTML 5Page - Sanyo Semicon Device LA1135M Datasheet HTML 6Page - Sanyo Semicon Device LA1135M Datasheet HTML 7Page - Sanyo Semicon Device LA1135M Datasheet HTML 8Page - Sanyo Semicon Device LA1135M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Reference Characteristics
Parameter
Symbol
Conditions
typ
Unit
Usable sensitivity
Q.S.
Input at S/N = 20 dB
(2SK315 IDDS =11mA)
25.0
dBµ
Wide-band AGC
ON-state input
Reception 1.0 MHz quiescent
Interference 1.4 MHz non-mod
at input for AMT.D. ON
82.0
dBµ
Detection output variation
∆VO
Input 74 dBµ
→ 130 dBµ
0.2
dB
Local oscillation variation
within broadcast band
∆VOSC
VOSCL– VOSCH
15
mVrms
Signal meter band *
VSM-BW1
74 dBµ input, frequency at
which output is reduced to 1/2
±1.5
kHz
VSM-BW2
74 dBµ input, frequency at
which output is reduced to 1/10
–4.5/+7
kHz
Selectivity
30 % mod
±10 kHz *
43
dB
IF interference
IF. R.
fr = 600 kHz *
77.5
dB
Image frequency
interference
IM. R.
fr = 1400 kHz *
52.0
(63.0)
dB
Note:
*: Wide-band AGC OFF
( ): See circuit on page 7.
Equivalent Circuit Block Diagram
Ambient temperature, Ta – °C
with 54
× 34 × 1.7 mm3 PCB
Pd max – Ta
LA1135, 1135M
No. 1272-3/18


유사한 부품 번호 - LA1135M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
LA1136 SANYO-LA1136 Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1136NM SANYO-LA1136NM Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1137 SANYO-LA1137 Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
More results

유사한 설명 - LA1135M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
   AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
Sanyo Semicon Device
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
   AM Tuner for Car Radio
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com