전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1145 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LA1145
상세설명  FM IF System (Quadrature Detector) for Car Radio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1145 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LA1145 Datasheet HTML 1Page - Sanyo Semicon Device LA1145 Datasheet HTML 2Page - Sanyo Semicon Device LA1145 Datasheet HTML 3Page - Sanyo Semicon Device LA1145 Datasheet HTML 4Page - Sanyo Semicon Device LA1145 Datasheet HTML 5Page - Sanyo Semicon Device LA1145 Datasheet HTML 6Page - Sanyo Semicon Device LA1145 Datasheet HTML 7Page - Sanyo Semicon Device LA1145 Datasheet HTML 8Page - Sanyo Semicon Device LA1145 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Sample Application Circuit
LS1140 and LS1145 Compared
Parameter
LA1140
LA1145
Remarks
Package
SIP-16
SIP-18Z
MFP-20
IF amp, limiter
Direct-coupled
C-coupled
Quadrature detector
jj
AF preamp
jj
AFC output
jj
Signal meter output
j
C
j
Improved linearity, variable S-meter gradient
Band muting
j
C
j
Improved temperature stability,
VBE dependent
IF count buffer output
j
Common with STRQ
SD circuit
j
For the LA1140, Coupled with the soft muting
function.
S/N
78 dBµ
86 dB
3 dBµ limiting sensitivity
25 dBµ (fixed)
25 to 40 dBµ
–3 dBµ limiting sensitivity variable,
independent of soft muting function
Weak signal noise output
j
C
j
50 µs
DC
emphasis
capacitor
Mute driver
output
S-meter
output
L1: 81N-014A (Sumida)
L2: 81N-014B (Sumida)
Unit (resistance:
Ω, capacitance: F)
LA1145, 1145M
No. 2725-5/17


유사한 부품 번호 - LA1145

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1140 SANYO-LA1140 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
ON Semiconductor
LA1140-E ONSEMI-LA1140-E Datasheet
151Kb / 3P
   3Q2013 Product Discontinuance Notice
Rev. 20-Nov-2012
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
More results

유사한 설명 - LA1145

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
NTE Electronics
NTE1541 NTE-NTE1541 Datasheet
70Kb / 2P
   Integrated Circuit FM IF Amp & Detector for Car Radio
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
logo
Samsung semiconductor
KA2245 SAMSUNG-KA2245 Datasheet
76Kb / 3P
   FM IF SYSTEM FOR CAR RADIOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com