전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z0103MA0 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 Z0103MA0
상세설명  4Q Triac Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

Z0103MA0 데이터시트(HTML) 5 Page - NXP Semiconductors

  Z0103MA0 Datasheet HTML 1Page - NXP Semiconductors Z0103MA0 Datasheet HTML 2Page - NXP Semiconductors Z0103MA0 Datasheet HTML 3Page - NXP Semiconductors Z0103MA0 Datasheet HTML 4Page - NXP Semiconductors Z0103MA0 Datasheet HTML 5Page - NXP Semiconductors Z0103MA0 Datasheet HTML 6Page - NXP Semiconductors Z0103MA0 Datasheet HTML 7Page - NXP Semiconductors Z0103MA0 Datasheet HTML 8Page - NXP Semiconductors Z0103MA0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Z0103MA0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2011
5 of 13
NXP Semiconductors
Z0103MA0
4Q Triac
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-lead)
thermal resistance from
junction to lead
full cycle
-
-
60
K/W
Rth(j-a)
thermal resistance from
junction to ambient
full cycle; printed-circuit board mounted;
lead length 4 mm; see Figure 6
-
150
-
K/W
Fig 6.
Transient thermal impedance from junction to lead as a function of pulse width
10−1
10−2
1
10
Zth(j-lead)
(K/W)
tp (s)
10−5
110
10−1
10−2
10−4
10−3
102
003aac206
tp
P
t


유사한 부품 번호 - Z0103MA0

제조업체부품명데이터시트상세설명
logo
WeEn Semiconductors
Z0103MA0 WEEN-Z0103MA0 Datasheet
381Kb / 13P
   4Q Triac
More results

유사한 설명 - Z0103MA0

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com