전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1185 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LA1185
상세설명  FM Front-end for Radio-cassette Recorder, Home Stereo Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1185 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LA1185 Datasheet HTML 1Page - Sanyo Semicon Device LA1185 Datasheet HTML 2Page - Sanyo Semicon Device LA1185 Datasheet HTML 3Page - Sanyo Semicon Device LA1185 Datasheet HTML 4Page - Sanyo Semicon Device LA1185 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Sample Application Circuit: LA1185 + LA1260 US band
AM section
Mitsumi
Sumida
T1
YT-30224
2153-4016-006
T2
YT-30194
2153-4095-339
L1
YT-30196
0708-700
L2
YT-40001
0708-701
B.P.F.
YT-30025
SNY-074-2001
Unit (resistance:
Ω, capacitance: F)
LA185+LA1260 Overall Characteristic
LED lightning sensitivity 11.5dB
Output fm = 400 Hz 30% mod
AM output fm = 1 kHz
ANT input – dBµ
0dB
= 100%
LA1185+LA1260 Band Characteristic
LED lightning sensitivity
Usable sensitivity
Saturation output
Remove 1st stage B.P.F. when testing
Receiving frequency, fr – MHz
LA1185
No.1521-4/5


유사한 부품 번호 - LA1185

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1180 SANYO-LA1180 Datasheet
170Kb / 4P
   MONOLITHIC LINEAR IC FM FRONT END FOR RADIO CASSETTE RECORDER USE
LA1186 SANYO-LA1186 Datasheet
279Kb / 5P
   FM Front End for Radio-Cassette Recorders, Music Centers
LA1186N SANYO-LA1186N Datasheet
279Kb / 5P
   FM Front End for Radio-Cassette Recorders, Music Centers
logo
LIGITEK electronics co....
LA118B-260-I LIGITEK-LA118B-260-I Datasheet
118Kb / 6P
   LED ARRAY
LA118B-260-I-PF LIGITEK-LA118B-260-I-PF Datasheet
125Kb / 7P
   LED ARRAY
More results

유사한 설명 - LA1185

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AN7203 ETC1-AN7203 Datasheet
97Kb / 4P
   FM FRONT-END IC FOR RADIO, RADIO CASSETTE RECORDER
logo
Sanyo Semicon Device
LA1175 SANYO-LA1175 Datasheet
778Kb / 14P
   FM Front End For Car Radio, Home Stereo Applications
logo
Panasonic Semiconductor
AN7017S PANASONIC-AN7017S Datasheet
64Kb / 5P
   FM/TV Front-end ICs for 1.5V Headphone Stereo, Radio Cassette Recorder
logo
Sanyo Semicon Device
LA1180 SANYO-LA1180 Datasheet
170Kb / 4P
   MONOLITHIC LINEAR IC FM FRONT END FOR RADIO CASSETTE RECORDER USE
LA1178M SANYO-LA1178M Datasheet
299Kb / 7P
   FM Front End for Car Radio, Home Radio-Use
LA1186N SANYO-LA1186N Datasheet
279Kb / 5P
   FM Front End for Radio-Cassette Recorders, Music Centers
logo
Panasonic Semiconductor
AN7024 PANASONIC-AN7024 Datasheet
430Kb / 7P
   AM Tuner, FM-IF MPX IC for Radio, Radio Cassette Recorder
logo
Sanyo Semicon Device
LA1177 SANYO-LA1177 Datasheet
396Kb / 8P
   Electronic Tuning-Use FM Front End for Car Radio, Home Stereos
logo
Samsung semiconductor
KA2249 SAMSUNG-KA2249 Datasheet
262Kb / 4P
   FM FRONT END FOR PORTABLE RADIO
logo
Panasonic Semiconductor
AN7213 PANASONIC-AN7213 Datasheet
188Kb / 4P
   FM FRONT END CIRCUIT FOR RADIO
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com