전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBVSPA015LN1TAG 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 NBVSPA015LN1TAG
상세설명  3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBVSPA015LN1TAG 데이터시트(HTML) 4 Page - ON Semiconductor

  NBVSPA015LN1TAG Datasheet HTML 1Page - ON Semiconductor NBVSPA015LN1TAG Datasheet HTML 2Page - ON Semiconductor NBVSPA015LN1TAG Datasheet HTML 3Page - ON Semiconductor NBVSPA015LN1TAG Datasheet HTML 4Page - ON Semiconductor NBVSPA015LN1TAG Datasheet HTML 5Page - ON Semiconductor NBVSPA015LN1TAG Datasheet HTML 6Page - ON Semiconductor NBVSPA015LN1TAG Datasheet HTML 7Page - ON Semiconductor NBVSPA015LN1TAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NBVSPA015 Series
http://onsemi.com
4
Table 6. AC CHARACTERISTICS (VDD = 3.3 ±10%, GND = 0 V, TA = −40°C to +85°C) (Note 5)
Symbol
Characteristic
Conditions
Min.
Typ.
Max.
Units
fCLKOUT
Output Clock Frequency
NBVSPA019
125.00
MHz
NBVSPA027
148.50
NBVSPA018
155.52
NBVSPA017
156.25
NBVSPA024
160.00
NBVSPA015
200.00
NBVSPA042
74.25
Df
Frequency Stability – NBVSPAXXX
(Note 6)
±50
ppm
tjit(f)
RMS Phase Jitter
12 kHz to 20 MHz
0.4
0.9
ps
tjitter
Cycle to Cycle, RMS
1000 Cycles
3
8
ps
Cycle to Cycle, Peak−to−Peak
1000 Cycles
15
30
ps
Period, RMS
10,000 Cycles
2
4
ps
Period, Peak−to−Peak
10,000 Cycles
10
20
ps
tOE/OD
Output Enable/Disable Time
200
ns
FP
Crystal Pullability (Note 7)
0 V ≤ VC ≤ 3.3 V
±100
ppm
VC(bw)
Control Voltage Bandwidth
−3 dB
20
KHz
tDUTY_CYCLE
Output Clock Duty Cycle
(Measured at Cross Point)
45
50
55
%
tR
Output Rise Time (20% and 80%)
245
400
ps
tF
Output Fall Time
(80% and 20%)
245
400
ps
tstart
Start−up Time
1
5
ms
Aging
1st Year
3
ppm
Every Year After 1st
1
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 Ifpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Measurement taken with outputs terminated with 100 ohm across differential pair. See Figure 3.
6. Parameter guarantees 10 years of aging. Includes initial stability at 25°C, shock, vibration and first year aging.
7. Gain transfer is positive with a rate of 130 ppm/V.
Table 7. PHASE NOISE PERFORMANCE FOR NBVSPXXXX
Parameter
Charac-
teristic
Condition
74.25
MHZ
125.00
MHZ
148.50
MHz
155.52
MHz
156.25
MHZ
160.00
MHz
200.00
MHZ
Units
fNOISE
Output
Phase−N
oise
Performa
nce
100 Hz of Carrier
−94
−90
−90
−90
−90
−90
−91
dBc/Hz
1 kHz of Carrier
−122
−117
−116
−116
−116
−116
−117
dBc/Hz
10 kHz of Carrier
−132
−128
−126
−126
−126
−126
−127
dBc/Hz
100 kHz of Carrier
−132
−128
−126
−126
−126
−126
−127
dBc/Hz
1 MHz of Carrier
−142
−136
−136
−134
−134
−135
−135
dBc/Hz
10 MHz of Carrier
−160
−159
−159
−159
−159
−159
−159
dBc/Hz


유사한 부품 번호 - NBVSPA015LN1TAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LN1TAG ONSEMI-NBVSPA013LN1TAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LNHTAG ONSEMI-NBVSPA013LNHTAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
More results

유사한 설명 - NBVSPA015LN1TAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSBA011LN1TAG ONSEMI-NBVSBA011LN1TAG Datasheet
133Kb / 8P
   2.5 V/3.3 V, LVPECL Voltage-Controlled Crystal Oscillator (VCXO) PureEdge Product Series
June, 2010 ??Rev. 0
logo
Pletronics, Inc.
VLU7029036EG000050 PLETRONICS-VLU7029036EG000050 Datasheet
136Kb / 8P
   3.3 V LVDS VCXO Oscillators
VLB7029036EG000050 PLETRONICS-VLB7029036EG000050 Datasheet
145Kb / 8P
   3.3 V LVDS VCXO Oscillators
logo
ON Semiconductor
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
logo
ECM Electronics Limited...
ECV20 ECM-ECV20 Datasheet
60Kb / 1P
   VCXO Voltage Controlled Oscillator
logo
ON Semiconductor
NBXDPA018 ONSEMI-NBXDPA018 Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA017 ONSEMI-NBXDPA017 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 156.25 MHz / 312.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com