전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA17000M 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LA17000M
상세설명  Tuner System IC with Built-in PLL for Car Audio Applications
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA17000M 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LA17000M Datasheet HTML 7Page - Sanyo Semicon Device LA17000M Datasheet HTML 8Page - Sanyo Semicon Device LA17000M Datasheet HTML 9Page - Sanyo Semicon Device LA17000M Datasheet HTML 10Page - Sanyo Semicon Device LA17000M Datasheet HTML 11Page - Sanyo Semicon Device LA17000M Datasheet HTML 12Page - Sanyo Semicon Device LA17000M Datasheet HTML 13Page - Sanyo Semicon Device LA17000M Datasheet HTML 14Page - Sanyo Semicon Device LA17000M Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
LA17000M
No. 6522-11/54
Correspondence of Pins Between the LA17000M, the LA1781M, and the LC72144M
LA1781
Pin Function
LA17000M
Pin Function
LC72144M
Pin No.
Pin No.
Pin No.
1
FN ANTD
1
2
FM RF AGC
2
3
FE GND
3
4
FM OSC
4
5
AM/FM OSC buff.
5
6
FE VCC
6
7
AM VCC
7
8
Noise AGC-Sense
8
9
Noise AGC-ADJ
9
10
AM 2nd OSC
10
11
Gate Out
11
12
Memory circuit pin
12
13
Pilot In
13
14
NC, MPX GND
14
15
MPX L-Out
15
16
MPX R-Out
16
26
Seek
→ AM/FM SD
17
Both I/O-3 and SD/ST-IND
23
Stop
→ FM ST IND
18
FMIN
16
19
VDD
17
20
PD1
18
21
VSS
19
22
PDS
20
23
XBUF
22
24
I/O-2
8
25
XIN
24
26
XOUT
1
27
CE
2
28
DI
3
29
CL
4
30
DO
5
31
I/O-1
9
32
HCTR/I-6
11
33
I/O-0
12
19
MRC sensor output
34
7
17
Pilot Can. ADJ
35
18
Pilot Can. ADJ
36
20
MPX VCO
37
23
38
25
GND
39
21
PHASE COMP.
40
22
PHASE COMP.
41
24
AM/FM S-meter
42
27
MRC OUT
43
Continued on next page.
Both ADC0 and MRC
sensor output
IF count buffer and
seek/stop switch


유사한 부품 번호 - LA17000M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LA17 ETC1-LA17 Datasheet
220Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE LIMITING AMPLIFIER
logo
Tyco Electronics
LA17 MACOM-LA17 Datasheet
436Kb / 3P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
LA17 MA-COM-LA17 Datasheet
1Mb / 3P
   Cascadable Amplifier 10 to 1000 MHz
logo
LIGITEK electronics co....
LA171B-3G-PF LIGITEK-LA171B-3G-PF Datasheet
108Kb / 6P
   LED ARRAY
LA171B-GGH-PF LIGITEK-LA171B-GGH-PF Datasheet
126Kb / 7P
   LED ARRAY
More results

유사한 설명 - LA17000M

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
AN18164B PANASONIC-AN18164B Datasheet
273Kb / 8P
   Car Radio FM/AM tuner IC built-in PLL synthesizer
logo
Sanyo Semicon Device
LV23100V SANYO-LV23100V Datasheet
317Kb / 12P
   For Portable Audio System 1-chip Tuner IC Incorporating PLL
logo
KEC(Korea Electronics)
KIA6035P KEC-KIA6035P Datasheet
210Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM TUNER SYSTEM FOR CAR AUDIO)
logo
STMicroelectronics
TDA7512F STMICROELECTRONICS-TDA7512F Datasheet
633Kb / 45P
   FM car-radio tuner IC with intelligent selectivity system (ISS)
logo
Rohm
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
logo
NEC
UPD1723GF-013 NEC-UPD1723GF-013 Datasheet
1Mb / 80P
   PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO
logo
Sanyo Semicon Device
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com