전자부품 데이터시트 검색엔진 |
|
LA1833N 데이터시트(PDF) 1 Page - Sanyo Semicon Device |
|
LA1833N 데이터시트(HTML) 1 Page - Sanyo Semicon Device |
1 / 10 page Ordering number : ENN6568 D1500RM (OT) No. 6568-1/10 Overview The LA1833N/NM is an AM/FM IF and MPX system-on- chip IC that supports electronic tuning for home stereo systems. It is optimal for use in auto-seek systems that use SD (station detect) and IF counting in parallel. Functions • AM: RF amplifier, mixer, oscillator, IF amplifier, detector, AGC, SD, oscillator buffer, IF buffer, and stereo IF output • FM IF: IF amplifier, quadrature detector, S meter, SD, S-curve detector, IF buffer • MPX: PLL stereo decoder, stereo indicator, forced mono, VCO stop, audio muting, adjacent channel interference reduction function, pilot canceller Features • Improvements over the LA1832 — The MPX VCO circuit has been integrated on the same IC (no ceramic element required) — Built-in adjacent channel interference reduction function (114 kHz, 190 kHz) — Built-in pilot canceler function (19 kHz) — AM and FM output levels can be set independently — Improved FM reception characteristics (IF beating improved) • Other features — Pin arrangement nearly identical to that of the LA1832 — AM coil specifications can be the same as those used for the LA1832. — ST operating dynamic range improved over that of the LA1833 — FM total harmonic distortion detuning characteristics and signal-to-noise ratio improved over those of the LA1833 Package Dimensions unit: mm 3112A-MFP24S unit: mm 3067A-DIP24S 112 24 13 12.5 (0.75) 1.0 0.15 0.35 SANYO: MFP24S (300 mil) [LA1833N] LA1833N, 1833NM SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN System-on-Chip Tuner IC for Home Stereo Systems Monolithic Linear IC Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft’s control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein. 0.48 21.0 (0.71) 1.78 1 12 24 13 0.95 0.9 SANYO: DIP24S (300 mil) [LA1833NM] |
유사한 부품 번호 - LA1833N |
|
유사한 설명 - LA1833N |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |