전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1836M 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LA1836M
상세설명  Single-Chip Home Stereo Electronic Tuning IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1836M 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LA1836M Datasheet HTML 1Page - Sanyo Semicon Device LA1836M Datasheet HTML 2Page - Sanyo Semicon Device LA1836M Datasheet HTML 3Page - Sanyo Semicon Device LA1836M Datasheet HTML 4Page - Sanyo Semicon Device LA1836M Datasheet HTML 5Page - Sanyo Semicon Device LA1836M Datasheet HTML 6Page - Sanyo Semicon Device LA1836M Datasheet HTML 7Page - Sanyo Semicon Device LA1836M Datasheet HTML 8Page - Sanyo Semicon Device LA1836M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Continued from preceding page.
No. 4787-3/13
LA1836, 1836M
Parameter
Symbol
Conditions
min
typ
max
Unit
[AM characteristics: fc = 1000 kHz, fm = 1 kHz]
Quiescent current
ICCO-AM
No input
29
42
mA
Detector output
VO-AM (1)
23 dBµ, 30% mod, the pin 16 output
25
45
90
mVrms
VO-AM (2)
80 dBµ, 30% mod, the pin 16 output
195
310
490
mVrms
S/N ratio
S/N-AM (1)
23 dBµ, 30% mod, the pin 16 output
16
20
dB
S/N-AM (2)
80 dBµ, 30% mod, the pin 16 output
48
54
dB
THD-AM (1) 80 dBµ, 30% mod, the pin 16 output
0.3
1.0
%
Total harmonic distortion
THD-AM (2) 100 dBµ, 30% mod, the pin 16 output (DIP)
0.4
1.2
%
THD-AM (2) 107 dBµ, 30% mod, the pin 16 output (MFP)
0.8
1.6
%
THD-AM (3) 80 dBµ, 80% mod, the pin 16 output
1.0
4.0
%
LED on sensitivity
SD-On-AM
20
30
40
dBµ
Local oscillator buffer output
VOSC-AM
80 dBµ, 30% mod, the pin 16 output
110
160
mVrms
Low band attenuation
Low-Cut
Referenced to fm = 1 kHz, the output when fm = 100 Hz
5
7
11
dB
IF count buffer output
VIFBuff-AM
80 dBµ, unmodulated, the pin 11 output
140
200
280
mVrms
ST-IF output
VSTIF-AM
80 dBµ, unmodulated, the pin 8 output
8
17
24
mVrms
S-meter output
VSM-AM (1) 0 dBµ, unmodulated
0
0
0.2
V
VSM-AM (2) 40 dBµ, unmodulated
1.3
3.0
4.5
V


유사한 부품 번호 - LA1836M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1831 SANYO-LA1831 Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1831M SANYO-LA1831M Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1832 SANYO-LA1832 Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1832M SANYO-LA1832M Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
More results

유사한 설명 - LA1836M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com