전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1838 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LA1838
상세설명  Single-Chip Home Stereo IC with Electronic Tuning Support
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1838 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LA1838 Datasheet HTML 1Page - Sanyo Semicon Device LA1838 Datasheet HTML 2Page - Sanyo Semicon Device LA1838 Datasheet HTML 3Page - Sanyo Semicon Device LA1838 Datasheet HTML 4Page - Sanyo Semicon Device LA1838 Datasheet HTML 5Page - Sanyo Semicon Device LA1838 Datasheet HTML 6Page - Sanyo Semicon Device LA1838 Datasheet HTML 7Page - Sanyo Semicon Device LA1838 Datasheet HTML 8Page - Sanyo Semicon Device LA1838 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Pin No.
Pin function
Pin voltage
Notes
Equivalent circuit
Vreg – 1.4
VCC
Vreg
Coil Specifications
• AM oscillator (for the DUT)
HW-50425 (Mitsumi)
Pin Functions
• IFT
YD-1073-1 (Mitsumi)
No. 5888-4/9
LA1838
3
1
2
4
6
A10633
Ž -  2T
 - ‘ 9T
 - x 86T
QO ≥ 80
L = 270
µH
3
1
2
4
S
S
6
YD-1073
SFU450B
A10634
 - x 58T
 - ‘ 7T
 - Ž 94T
fO = 450 kHz
QO = 110
A 180-pF capacitor is built in
With an external SFU450B
FM IF input
AM mixer output
1
2
Input impedance ri = 330 Ω
Connect the mixer coil between this pin and VCC
1
3
A10635
2
A10636
1
3
A10635
Vreg
FM IF input
bypass
3
Also used for the MPX regulator filter
4
A10637
Vreg
0 V
AM IF input
GND
4
5
Input impedance ri = 2 kΩ
6
7
A10638
VCC
VCC
TU-LED
ST-LED,
AF-IF output
6
7
Active low
Open collector
AM stereo IF output (pin 7)
The influx current must be held under 150 µA.
A10639
9
28
VCC
FM detector
9
The CDA10.7 MG74 (Murata Mfg. Co., Ltd.) is
recommended as the ceramic discriminator. A
device with a series resistance of 270
Ω must be
used.
VCC
8
Continued on next page.


유사한 부품 번호 - LA1838

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1831 SANYO-LA1831 Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1831M SANYO-LA1831M Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1832 SANYO-LA1832 Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1832M SANYO-LA1832M Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
More results

유사한 설명 - LA1838

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
LA1836 SANYO-LA1836 Datasheet
535Kb / 13P
   Single-Chip Home Stereo Electronic Tuning IC
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com