전자부품 데이터시트 검색엔진 |
|
LA2000 데이터시트(PDF) 5 Page - Sanyo Semicon Device |
|
LA2000 데이터시트(HTML) 5 Page - Sanyo Semicon Device |
5 / 8 page Sample Application Circuit 1 Pin 4 is unconnected but is not be used for GND or an interconnection terminal. Sample Printed Pattern (copper foil side) Mechanism-coupled switch (OFF at play mode) 600 mA max Plunger Unit (resistance: Ω, capacitance: F) Unit (resistance: Ω, capacitance: F) LA2000 No.982-5/8 |
유사한 부품 번호 - LA2000 |
|
유사한 설명 - LA2000 |