전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4620D2A-JQRS 데이터시트(PDF) 2 Page - Seme LAB

부품명 1N4620D2A-JQRS
상세설명  LOW NOISE ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N4620D2A-JQRS 데이터시트(HTML) 2 Page - Seme LAB

  1N4620D2A-JQRS Datasheet HTML 1Page - Seme LAB 1N4620D2A-JQRS Datasheet HTML 2Page - Seme LAB 1N4620D2A-JQRS Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LOW NOISE ZENER DIODE
1N4620D2A / 1N4620D2B
Semelab plc
Semelab plc
Semelab plc
Semelab plc
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Document Number 8864
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Issue 1
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Page 2 of 3
MECHANICAL DATA
* The additional contact provides a connection to the lid in the application. Connecting the metal lid to a known electrical potential stops deep
dielectric discharge in space applications; see the Space Weather link www.semelab.co.uk/dlcc2.html on the Semelab web site. Package variant
to be specified at order.
Other Package Outlines may be available – Contact Semelab Sales to Enquire
DLCC2 Variant A (D2A)
PAD 1
ANODE
PAD 2
CATHODE
DIMENSION
mm
Inches
A
5.00 ±0.10
0.197 ±0.004
B
2.61 ±0.10
0.103 ±0.004
C
1.08 ±0.10
0.043 ±0.004
D
1.76 ±0.10
0.069 ±0.004
DLCC2 Variant B (D2B)
PAD 1
ANODE
PAD 2
CATHODE
PAD 3
LID CONTACT TO ANODE*
DIMENSION
mm
Inches
A
5.00 ±0.10
0.197 ±0.004
B
2.61 ±0.10
0.103 ±0.004
C
1.08 ±0.10
0.043 ±0.004
D
1.76 ±0.10
0.069 ±0.004
A
B
SOLDER PAD LAYOUT D-5A
DIMENSION
mm
Inches
A
6.25
0.246
B
1.70
0.067
C
2.67
0.105
DLCC2/ D-5A MELF OVERLAY


유사한 부품 번호 - 1N4620D2A-JQRS

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4620D MICROSEMI-1N4620D Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
1N4620D-1 MICROSEMI-1N4620D-1 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
1N4620DUR MICROSEMI-1N4620DUR Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N4620DUR-1 MICROSEMI-1N4620DUR-1 Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N4620DURTR MICROSEMI-1N4620DURTR Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
More results

유사한 설명 - 1N4620D2A-JQRS

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
1N4099UR-1 MA-COM-1N4099UR-1 Datasheet
892Kb / 4P
   Low Noise Zener Diode Series
logo
Central Semiconductor C...
CMHZ4099 CENTRAL-CMHZ4099_15 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4614 CENTRAL-CMHZ4614_15 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4099 CENTRAL-CMPZ4099_15 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614 Datasheet
92Kb / 2P
   350mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678_15 Datasheet
382Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
logo
Renesas Technology Corp
HZU-L RENESAS-HZU-L Datasheet
77Kb / 6P
   Silicon Planar Zener Diode for Low Noise Application
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com