전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA3235W 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LA3235W
상세설명  1.5 V Record Preamplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3235W 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LA3235W Datasheet HTML 1Page - Sanyo Semicon Device LA3235W Datasheet HTML 2Page - Sanyo Semicon Device LA3235W Datasheet HTML 3Page - Sanyo Semicon Device LA3235W Datasheet HTML 4Page - Sanyo Semicon Device LA3235W Datasheet HTML 5Page - Sanyo Semicon Device LA3235W Datasheet HTML 6Page - Sanyo Semicon Device LA3235W Datasheet HTML 7Page - Sanyo Semicon Device LA3235W Datasheet HTML 8Page - Sanyo Semicon Device LA3235W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Continued form preceding page.
Switching Control Block: Operating Mode Table
Note: 1. The high-level voltage for A, B, C, D, and E is close to the VCC2 voltage.
2. The high-level voltage for F is close to the VCCRF voltage.
No. 4530-4/13
LA3235W
Parameter
Symbol
Conditions
min
typ
max
Unit
[Switching Control]: Playback mode
CONT C and D pins source
IPC, IPD
Measured with RL = 10 kΩ
20
35
µA
CONT E pin source
IE
Measured with RL = 10 kΩ
10
18
µA
CONT A and B pins sink
VPA, VPB
IIN = 100 µA
64
150
mV
Radio CONT F pin sink
VRF
IIN = 100 µA
64
150
mV
Microphone CONT F pin
VMF
Vi = –40 dBm, Rg = 6.8 k
1.1
1.2
V
Item
A*1
B*1
C*1
D*1
E*1
F*2
REC/MIC/RADIO
FWD
H
L
H
L
L
L
REV
L
H
L
H
L
L
PLAY
MIC
L
L
H
H
H
H
RADIO
L
L
H
H
H
L


유사한 부품 번호 - LA3235W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA3210 SANYO-LA3210 Datasheet
152Kb / 5P
   Equalizer Amplifier With ALC
LA3220 SANYO-LA3220 Datasheet
277Kb / 8P
   2-Channel Equalizer Ampe With ALC
LA3225 SANYO-LA3225 Datasheet
94Kb / 2P
   2-Channel Preamplifier Car Stereo?
LA3225T SANYO-LA3225T Datasheet
94Kb / 2P
   2-Channel Preamplifier Car Stereo?
LA3226T SANYO-LA3226T Datasheet
94Kb / 2P
   2-Channel Preamplifier Car Stereo?
More results

유사한 설명 - LA3235W

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4587M SANYO-LA4587M Datasheet
342Kb / 18P
   Preamplifier Power Amplifier for 1.5 V Headphone Stereos
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
logo
Zarlink Semiconductor I...
ZL60013 ZARLINK-ZL60013 Datasheet
267Kb / 6P
   1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV
logo
TEKTRONIX, INC.
ADA400A TEKTRONIX-ADA400A Datasheet
202Kb / 4P
   Differential Preamplifier
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
logo
Emcore Corporation
MAFA1014-PA EMCORE-MAFA1014-PA Datasheet
801Kb / 4P
   Optical Preamplifier
logo
Rohm
BA328 ROHM-BA328 Datasheet
117Kb / 5P
   Dual preamplifier
logo
Hamamatsu Corporation
C7319 HAMAMATSU-C7319 Datasheet
25Kb / 2P
   PREAMPLIFIER UNIT
logo
Emcore Corporation
MAFA-1014-PA EMCORE-MAFA-1014-PA Datasheet
801Kb / 4P
   Optical Preamplifier
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
   low noise microphone preamplifier with 2 V bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com