전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP400G-BD 데이터시트(PDF) 1 Page - Seme LAB

부품명 SMP400G-BD
상세설명  P.I.N. PHOTODIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMP400G-BD 데이터시트(HTML) 1 Page - Seme LAB

  SMP400G-BD Datasheet HTML 1Page - Seme LAB SMP400G-BD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMP400G-BD
Prelim. 1/98
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
MECHANICAL DATA
Dimensions in mm.
P.I.N. PHOTODIODE
DESCRIPTION
The SMP400G-BD is a Silicon P.I.N. photodiode
incorporated in a compact, hermetic metal can package.
The electrical terminations are via two leads of diameter
0.005" on a pitch of 0.1". The taller can structure affords a
greater range of optical filter options. The cathode of the
photodiode is electrically connected to the package.
The photodiode structure has been optimised for high
sensitivity, high speed light measurement applications. The
moderate viewing angle facilitates easy alignment of the
device with on-axis illumination sources. The metal can
and optional screening mesh ensure a rugged device with
a high degree of immunity to radiated electrical
interference.
TO-18 Package
Operating temperature range
Storage temperature range
Temperature coefficient of responsively
Temperature coefficient of dark current
Reverse breakdown voltage
-40°C to +70°C
-45°C to +80°C
0.35% per °C
x2 per 8°C rise
60V
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• EXCELLENT LINEARITY
• LOW NOISE
• WIDE SPECTRAL RESPONSE
• WIDE INTRINSIC BANDWIDTH
• LOW LEAKAGE CURRENT
• LOW CAPACITANCE
• INTEGRAL OPTICAL FILTER OPTION note 1
• TO18 HERMETIC METAL CAN PACKAGE
• EMI SCREENING MESH AVAILABLE
Note 1 Contact Semelab Plc for filter options
Pin 1 – Anode
Pin 2 – Cathode & Case
Ø 5.4
Ø 4.7
2.54
Cathode
and case
Anode
Ø 0.45
Lead


유사한 부품 번호 - SMP400G-BD

제조업체부품명데이터시트상세설명
logo
Seme LAB
SMP400G-BA SEME-LAB-SMP400G-BA Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-BB SEME-LAB-SMP400G-BB Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-BC SEME-LAB-SMP400G-BC Datasheet
36Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-BE SEME-LAB-SMP400G-BE Datasheet
32Kb / 2P
   P.I.N. PHOTODIODE
More results

유사한 설명 - SMP400G-BD

제조업체부품명데이터시트상세설명
logo
Seme LAB
SMP600G-EN SEME-LAB-SMP600G-EN Datasheet
25Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X3 SEME-LAB-SMP550G-X3 Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP600G-EM SEME-LAB-SMP600G-EM Datasheet
69Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-X1 SEME-LAB-SMP400G-X1 Datasheet
52Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-FJ SEME-LAB-SMP525G-FJ Datasheet
77Kb / 4P
   P.I.N. PHOTODIODE
SMP525G-FM SEME-LAB-SMP525G-FM Datasheet
82Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-FL SEME-LAB-SMP550G-FL Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-FM SEME-LAB-SMP550G-FM Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-EK SEME-LAB-SMP525G-EK Datasheet
76Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-X2 SEME-LAB-SMP550G-X2 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X4 SEME-LAB-SMP550G-X4 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com