전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP550G-FK 데이터시트(PDF) 1 Page - Seme LAB

부품명 SMP550G-FK
상세설명  P.I.N. PHOTODIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMP550G-FK 데이터시트(HTML) 1 Page - Seme LAB

  SMP550G-FK Datasheet HTML 1Page - Seme LAB SMP550G-FK Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
1
3
Ø 9.1 ± 0.2
Ø 8.1 ± 0.1
WINDOW
Ø 5.9 ± 0.1
5.08 ± 0.2
SENSITIVE
SURFACE
Ø 0.45
LEAD
SMP550G-FK
Prelim. 1/98
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
MECHANICAL DATA
Dimensions in mm.
P.I.N. PHOTODIODE
DESCRIPTION
The SMP550G-FK is a Silicon P.I.N. photodiode incorporated
in a hermetic metal can package. The package window has
greater ultra-violet light transmission, thus extending the useful
spectral range of the device. The electrical terminations are via
two leads of diameter 0.018" on pitch centre diameter of 0.2". The
photodiode is electrically isolated from the package, which has a
separate earth lead.
The larger photodiode active area provides greater sensitivity
than the SMP400 range of devices, with a corresponding
reduction in speed. The photodiode structure has been optimised
for high sensitivity, light measurement applications across the
infra-red to ultra-violet spectrum. Inclusion of a suitable optical
filter into the package can produce a device that responds only to
ultra-violet light. The metal can, isolated photodiode and optional
screening mesh ensure a rugged device with a high degree of
immunity to conducted and radiated electrical interference.
TO-39 Package
Operating temperature range
Storage temperature range
Temperature coefficient of responsively
Temperature coefficient of dark current
Reverse breakdown voltage
-40°C to +70°C
-45°C to +80°C
0.35% per °C
x2 per 8°C rise
60V
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• WIDEST SPECTRAL RESPONSE
• ENHANCED UV SENSITIVITY
• PHOTODIODE ISOLATED FROM PACKAGE
• EXCELLENT LINEARITY
• LOW NOISE
• LOW LEAKAGE CURRENT
• · LOW CAPACITANCE
• INTEGRAL OPTICAL FILTER OPTION note 1
• TO39 HERMETIC METAL CAN PACKAGE
• EMI SCREENING MESH AVAILABLE
Note 1 Contact Semelab Plc for filter options
Pin 1 – Anode
Pin 2 – Cathode
Pin 3 – Case


유사한 부품 번호 - SMP550G-FK

제조업체부품명데이터시트상세설명
logo
Seme LAB
SMP550G-FJ SEME-LAB-SMP550G-FJ Datasheet
67Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-FL SEME-LAB-SMP550G-FL Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-FM SEME-LAB-SMP550G-FM Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-FN SEME-LAB-SMP550G-FN Datasheet
29Kb / 2P
   P.I.N. PHOTODIODE
More results

유사한 설명 - SMP550G-FK

제조업체부품명데이터시트상세설명
logo
Seme LAB
SMP600G-EN SEME-LAB-SMP600G-EN Datasheet
25Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X3 SEME-LAB-SMP550G-X3 Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP600G-EM SEME-LAB-SMP600G-EM Datasheet
69Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-X1 SEME-LAB-SMP400G-X1 Datasheet
52Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-FJ SEME-LAB-SMP525G-FJ Datasheet
77Kb / 4P
   P.I.N. PHOTODIODE
SMP525G-FM SEME-LAB-SMP525G-FM Datasheet
82Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-FL SEME-LAB-SMP550G-FL Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-FM SEME-LAB-SMP550G-FM Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-EK SEME-LAB-SMP525G-EK Datasheet
76Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-X2 SEME-LAB-SMP550G-X2 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X4 SEME-LAB-SMP550G-X4 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com