전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4145 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LA4145
상세설명  0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4145 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LA4145 Datasheet HTML 1Page - Sanyo Semicon Device LA4145 Datasheet HTML 2Page - Sanyo Semicon Device LA4145 Datasheet HTML 3Page - Sanyo Semicon Device LA4145 Datasheet HTML 4Page - Sanyo Semicon Device LA4145 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Sample Application Circuit: AF power amplifier
Sample Printed Circuit Pattern (Cu-foiled area)
OUTPUT
C4
470
µF
+C6
470
µF
C5
47
µF
C2
100
µF
C3
0.15
µF
polyester
film
capacitor
C1
47
µF
R1
30k
INPUT
LA4145
91
+
+
42.5
× 70.0mm 2
VCC
ICCO −VCC
Supply voltage, VCC −V
PO −VCC
Supply voltage, VCC −V
LA4145
No.1339-3/5


유사한 부품 번호 - LA4145

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4145 SANYO-LA4145 Datasheet
143Kb / 1P
   2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
More results

유사한 설명 - LA4145

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
   Dual AF Power Amplifier for Radio Cassette Recorders
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
LA4147 SANYO-LA4147 Datasheet
247Kb / 5P
   0.6 To 0.9 AF Power Amplifier
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4183 SANYO-LA4183 Datasheet
286Kb / 11P
   2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
   Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com