전자부품 데이터시트 검색엔진 |
|
SMP690G-JQS 데이터시트(PDF) 1 Page - Seme LAB |
|
SMP690G-JQS 데이터시트(HTML) 1 Page - Seme LAB |
1 / 2 page 1 2 Ø 14.0 Ø 12.0 Ø 0.45 LEAD 8.0 SMP690G-JQS Prelim. 1/98 Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612. MECHANICAL DATA Dimensions in mm. P.I.N. PHOTODIODE DESCRIPTION The SMP690G-JQS is a Silicon P.I.N. photodiode incorporated in a hermetic metal can package. The package window has greater ultra-violet light transmission, thus extending the useful spectral range of the device. The electrical terminations are via two leads of diameter 0.018" on pitch of 0.2". The cathode of the photodiode is electrically connected to the package. The larger photodiode active area provides greater sensitivity than the SMP600 range of devices, with a corresponding reduction in speed. The photodiode structure has been optimised for high sensitivity, light measurement applications across the infra-red to ultra- violet spectrum. Inclusion of a suitable optical filter into the package can produce a device that responds only to ultra- violet light. The metal can and optional screening mesh ensure a rugged device with a high degree of immunity to radiated electrical interference. TO8 Small Operating temperature range Storage temperature range Temperature coefficient of responsively Temperature coefficient of dark current Reverse breakdown voltage -40°C to +70°C -45°C to +80°C 0.35% per °C x2 per 8°C rise 60V ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated) FEATURES • HIGH SENSITIVITY • EXCELLENT LINEARITY • LOW NOISE • WIDEST SPECTRAL RESPONSE • ENHANCED UV SENSITIVITY • INTEGRAL OPTICAL FILTER OPTION note 1 • TO8 HERMETIC METAL CAN PACKAGE • EMI SCREENING MESH AVAILABLE Note 1 Contact Semelab Plc for filter options Pin 1 – Anode Pin 2 – Cathode & Case |
유사한 부품 번호 - SMP690G-JQS |
|
유사한 설명 - SMP690G-JQS |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |