전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD235 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 BD235
상세설명  Low voltage NPN power transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD235 데이터시트(HTML) 4 Page - STMicroelectronics

  BD235_09 Datasheet HTML 1Page - STMicroelectronics BD235_09 Datasheet HTML 2Page - STMicroelectronics BD235_09 Datasheet HTML 3Page - STMicroelectronics BD235_09 Datasheet HTML 4Page - STMicroelectronics BD235_09 Datasheet HTML 5Page - STMicroelectronics BD235_09 Datasheet HTML 6Page - STMicroelectronics BD235_09 Datasheet HTML 7Page - STMicroelectronics BD235_09 Datasheet HTML 8Page - STMicroelectronics BD235_09 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
BD235, BD237
4/9
Doc ID 4189 Rev 3
Figure 4.
DC current gain (VCE = 2 V)
Figure 5.
DC current gain (VCE = 4 V)
Figure 6.
Collector-emitter saturation
voltage
Figure 7.
Base-emitter saturation
voltage
Figure 8.
Base-emitter on voltage
Figure 9.
Resistive load switching time
(on)


유사한 부품 번호 - BD235_09

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235_03 Datasheet
265Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD235 STMICROELECTRONICS-BD235_07 Datasheet
261Kb / 9P
   NPN power transistors
More results

유사한 설명 - BD235_09

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STF715 STMICROELECTRONICS-STF715_10 Datasheet
138Kb / 8P
   NPN low voltage transistors
2STD1360 STMICROELECTRONICS-2STD1360 Datasheet
282Kb / 11P
   Low voltage fast-switching NPN power transistors
2STF1550 STMICROELECTRONICS-2STF1550_08 Datasheet
146Kb / 8P
   Low voltage high performance NPN power transistors
2STL1360 STMICROELECTRONICS-2STL1360_09 Datasheet
625Kb / 10P
   Low voltage fast-switching NPN power transistors
2STF1360 STMICROELECTRONICS-2STF1360 Datasheet
185Kb / 11P
   LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
2STX1360 STMICROELECTRONICS-2STX1360_07 Datasheet
289Kb / 10P
   Low voltage fast-switching NPN power bipolar transistors
2STF1550 STMICROELECTRONICS-2STF1550 Datasheet
133Kb / 8P
   Low voltage fast-switching NPN power bipolar transistors
logo
TAITRON Components Inco...
TIP47 TAITRON-TIP47 Datasheet
179Kb / 4P
   NPN High Voltage Power Transistors
logo
Solitron Devices Inc.
2N3439 SOLITRON-2N3439 Datasheet
136Kb / 2P
   NPN LOW POWER TRANSISTORS - 1
logo
ON Semiconductor
TIP47G ONSEMI-TIP47G Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com