전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA16 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 BTA16
상세설명  16 A Snubberless?? logic level and standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA16 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button BTA16_10 Datasheet HTML 2Page - STMicroelectronics BTA16_10 Datasheet HTML 3Page - STMicroelectronics BTA16_10 Datasheet HTML 4Page - STMicroelectronics BTA16_10 Datasheet HTML 5Page - STMicroelectronics BTA16_10 Datasheet HTML 6Page - STMicroelectronics BTA16_10 Datasheet HTML 7Page - STMicroelectronics BTA16_10 Datasheet HTML 8Page - STMicroelectronics BTA16_10 Datasheet HTML 9Page - STMicroelectronics BTA16_10 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
BTA16, BTB16, T1610, T1635
8/10
Doc ID 7471 Rev 9
Table 9.
TO-220AB (non-insulated and insulated) dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M2.60
0.102
C
b2
c2
Ø I
L
A
a1
a2
B
e
b1
l3
l2
c
M


유사한 부품 번호 - BTA16_10

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTA16-400B STMICROELECTRONICS-BTA16-400B Datasheet
67Kb / 5P
   STANDARD TRIACS
logo
Inchange Semiconductor ...
BTA16-400B ISC-BTA16-400B Datasheet
222Kb / 1P
   isc Thyristors
logo
Apollo Electron Co., Lt...
BTA16-600 APOLLOELECTRON-BTA16-600 Datasheet
2Mb / 6P
   Standard Triac
logo
Inchange Semiconductor ...
BTA16-600 ISC-BTA16-600 Datasheet
211Kb / 1P
   isc Triacs
logo
List of Unclassifed Man...
BTA16-600B ETC2-BTA16-600B Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - BTA16_10

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-700CW KERSEMI-BTB16-700CW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-600BW KERSEMI-BTB16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-700C KERSEMI-BTB16-700C Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-800C KERSEMI-BTA16-800C Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-800SW KERSEMI-BTA16-800SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com