전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KD1084AXX 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 KD1084AXX
상세설명  5 A low drop positive voltage regulator adjustable and fixed
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084AXX 데이터시트(HTML) 1 Page - STMicroelectronics

  KD1084AXX_09 Datasheet HTML 1Page - STMicroelectronics KD1084AXX_09 Datasheet HTML 2Page - STMicroelectronics KD1084AXX_09 Datasheet HTML 3Page - STMicroelectronics KD1084AXX_09 Datasheet HTML 4Page - STMicroelectronics KD1084AXX_09 Datasheet HTML 5Page - STMicroelectronics KD1084AXX_09 Datasheet HTML 6Page - STMicroelectronics KD1084AXX_09 Datasheet HTML 7Page - STMicroelectronics KD1084AXX_09 Datasheet HTML 8Page - STMicroelectronics KD1084AXX_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2009
Doc ID 8761 Rev 10
1/17
17
KD1084AXX
KD1084AXX18
5 A low drop positive voltage regulator adjustable and fixed
Features
Typical dropout 1.3 V (at 5 A)
Three terminal adjustable or fixed output
voltage 1.8 V, 3.3 V.
Guaranteed output current up to 5 A
Output tolerance ±1 % at 25 °C and ± 2 % in full
temperature range for the "A" version
Output tolerance ± 2 % at 25 °C and ± 3 % in
full temperature range internal power and
thermal limit
Wide operating temp. range -40 °C to 125 °C
Package available: D²PAK and DPAK
Pinout compatibility with standard adjustable
VREG
Description
The KD1084 is a low drop voltage regulator able
to provide up to 5 A of output current. Dropout is
guaranteed at a maximum of 1.5 V at the
maximum output current, decreasing at lower
loads. The KD1084 is pin to pin compatible with
he older 3-terminal adjustable regulators but has
better performances in term of drop and output
tolerance.
A 2.85 V output version is suitable for SCSI-2
active termination. Unlike PNP regulators, where
a part of the output current is wasted as quiescent
current, the KD1084 quiescent current flows into
the load, so increase efficiency. Only a 10 µF
minimum capacitor is need for stability.
The devices are supplied in D²PAK and DPAK. On
chip trimming allows the regulator to reach a very
tight output voltage tolerance, within ±1% at 25 °C
for "A" version and ± 2 % at 25 °C for standard
version.
DPAK
D²PAK
Table 1.
Device summary
Order codes
D²PAK
DPAK
Output voltage
Tolerance
KD1084AD2T18R
1.8 V
1%
KD1084ADT-R
ADJ
1%
www.st.com


유사한 부품 번호 - KD1084AXX_09

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
KD1084AXX18 STMICROELECTRONICS-KD1084AXX18 Datasheet
768Kb / 22P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX18 STMICROELECTRONICS-KD1084AXX18 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX25 STMICROELECTRONICS-KD1084AXX25 Datasheet
768Kb / 22P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX33 STMICROELECTRONICS-KD1084AXX33 Datasheet
768Kb / 22P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX33 STMICROELECTRONICS-KD1084AXX33 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
More results

유사한 설명 - KD1084AXX_09

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
KD1084XX STMICROELECTRONICS-KD1084XX Datasheet
768Kb / 22P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084XX STMICROELECTRONICS-KD1084XX_08 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
LD1084XX STMICROELECTRONICS-LD1084XX Datasheet
781Kb / 19P
   5 A low drop positive voltage regulator adjustable and fixed
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
LD1085XX STMICROELECTRONICS-LD1085XX Datasheet
941Kb / 27P
   3 A low drop positive voltage regulator adjustable and fixed
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
LD1086XX STMICROELECTRONICS-LD1086XX_08 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com