전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1086-12-220M 데이터시트(PDF) 3 Page - Seme LAB

부품명 LM1086-12-220M
상세설명  LOW DROPOUT 1.5 AMP POSITIVE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM1086-12-220M 데이터시트(HTML) 3 Page - Seme LAB

  LM1086-12-220M Datasheet HTML 1Page - Seme LAB LM1086-12-220M Datasheet HTML 2Page - Seme LAB LM1086-12-220M Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Prelim. 5/95
LAB
SEME
LM1086–220M–05
LM1086–05–220M
LM1086–12–220M
MILITARY VERSION
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ICL
Current Limit
IQ
Quiescent Current
Minimum Load Current 4
REG(THERM) Thermal Regulation
RA
Ripple Rejection
IPIN
Adjust Pin Current
DIPIN
Adjust Pin Current Change
TS
Temperature Stability
Long Term Stability
VN
RMS Output Noise
RqJC
Thermal Resistance
Junction – Case
Output
Parameter
Voltage Test Conditions
Min.
Typ. Max.
Unit
VIN – VOUT = 5V
TJ = –55 to 150°C
VIN – VOUT = 25V
TJ = –55 to 150°C
VIN £ 20V
TJ = –55 to 150°C
VIN £ 25V
TJ = –55 to 150°C
VIN – VOUT = 25V
TJ = –55 to 150°C
TP = 30ms
TA = 25°C
TJ = –55 to 150°CVIN = 8V
COUT = 25mF Tantalum
VIN = 15V
f = 120Hz
VIN – VOUT = 3V
IO = 1.5A
CADJ = 25mF
TJ = –55 to 150°C
VIN – VOUT = 1.5 to 15V
IO = 10mA to 1.5A
TJ = –55 to 150°C
TJ = –55 to 150°C
TA = 125°C
T = 1000 Hrs
f = 10Hz to 10kHz
TA = 25°C
Control Circuitry
Power Transistor
1.5
1.6
2.5
0.075
0.15
510
510
510
0.008
0.04
60
68
54
60
60
75
55
120
0.2
5
0.5
0.3
1
0.003
TBA
TBA
5
12
ADJ.
5
12
ADJ.
ELECTRICAL CHARACTERISTICS
(TJ = –55 to +150°C unless otherwise stated)
A
mA
%/W
dB
mA
mA
%
%
%
°C/W
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output
lead
» 1/8” from the package.
2. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined
by the input - output differential and the output current. Guaranteed maximum power dissipation will not be available over
the full input - output voltage range.
3. Dropout voltage is specified over the full output current range of the device.
4. Minimum load current is defined as the minimum output current required to maintain regulation. At 25V input-output
differential the device is guaranteed to regulate if the output current is greater than 10mA.


유사한 부품 번호 - LM1086-12-220M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM1086-ADJMDC TI1-LM1086-ADJMDC Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1086-ADJMDC TI1-LM1086-ADJMDC Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results

유사한 설명 - LM1086-12-220M

제조업체부품명데이터시트상세설명
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
OM7671ST ETC-OM7671ST Datasheet
433Kb / 3P
   1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
   RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Seme LAB
LM1085-220M SEME-LAB-LM1085-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
LM1083HN SEME-LAB-LM1083HN Datasheet
35Kb / 2P
   7.5 AMP LOW DROPOUT POSITIVE
LM1084HN SEME-LAB-LM1084HN Datasheet
36Kb / 2P
   5 AMP LOW DROPOUT POSITIVE
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com