전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB15-45SSMD05 데이터시트(PDF) 1 Page - Seme LAB

부품명 SB15-45SSMD05
상세설명  SCHOTTKY BARRIER DIODE IN CERAMIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SB15-45SSMD05 데이터시트(HTML) 1 Page - Seme LAB

  SB15-45SSMD05 Datasheet HTML 1Page - Seme LAB SB15-45SSMD05 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB15-45SSMD05
Document Number 5292
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VRRM
Peak Repetitive Reverse Voltage
VRSM
Peak Non-Repetitive Reverse Voltage
VR
Continuous Reverse Voltage
IF(AV)
Maximum Average Forward Current
IFSM
Peak Non-Repetitive Surge Current at 50Hz (per leg)
TSTG
Storage Temperature Range
TJ
Maximum Operating Junction Temperature
45V
45V
45V
30A
245A
-55°C to 150°C
150°C
MECHANICAL DATA
Dimensions in mm
2
1
3
2.41 (0.095)
(0.030)
min.
0.127 (0.005)
(0.296)
3.175 (0.125)
Max.
0.50 (0.020)
max.
7.54
0.76
2.41 (0.095)
0.127 (0.005)
(0.286)
7.26
16 PLCS
0.50(0.020)
0.127 (0.005)
SCHOTTKY BARRIER
DIODE IN CERAMIC
SURFACE MOUNT PACKAGE
FOR HI–REL APPLICATIONS
FEATURES
• HERMETIC CERAMIC PACKAGE
• SCREENING OPTIONS AVAILABLE
• OUTPUT CURRENT 15A
•LOW VF
• LOW LEAKAGE
SMD05 (TO-276AA) CERAMIC PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Pad 2 = Cathode
Pads 1 & 3 = Anode
1
2
3


유사한 부품 번호 - SB15-45SSMD05

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
SB15 TSC-SB15 Datasheet
71Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Bridge Rectifiers
logo
Gulf Semiconductor
SB15 GULFSEMI-SB15 Datasheet
207Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
logo
Pan Jit International I...
SB150 PANJIT-SB150 Datasheet
56Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB150 LRC-SB150 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER DIODES
logo
Shunye Enterprise
SB150 SHUNYE-SB150 Datasheet
259Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SB15-45SSMD05

제조업체부품명데이터시트상세설명
logo
Sanken electric
FMB-2306 SANKEN-FMB-2306 Datasheet
19Kb / 1P
   30A Schottky barrier diode in TO220F package
FMJ-23L SANKEN-FMJ-23L Datasheet
18Kb / 1P
   10A Schottky barrier diode in TO220F package
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com