전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LA4425A 데이터시트(Datasheet) 1 Page - Sanyo Semicon Device

부품명 LA4425A
상세내용  5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SANYO [Sanyo Semicon Device]
홈페이지  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
5 W Power Amplifier with Very Few External Parts
for Car Radio and Car Stereo
Features
.
The world’s first power amplifier with very few external
parts.
The smallest package in the industry
→ [SIP-5H (TO-126 type)]
Only two external parts
→ [Only I/O coupling capacitors]
.
Almost no evaluation, adjustment and check of its functions
as a power IC required
→ [Simplified control]
.
Wide operation supply range
→ 5to16 V
.
On-chip protection:
Overvoltage protection
Thermal protection
Output D.C. short protection
.
On-chip pop noise reducing circuit
Package Dimensions
unit : mm
3031A-SIP-5H
[LA4425A]
SANYO : SIP5H
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Rg = 0
18
V
Surge maximum supply voltage
VCC surge
Giant pulse 200 msec
Rise time 1 ms
50
V
Maximum output current
IO peak
3.3
A
Allowable power dissipation
Pd max
With infinite heat sink
7.5
W
Operating temperature
Topr
–30 to +80
°C
Storage temperature
Tstg
–40 to +150
°C
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
13.2
V
Recommended load resistance
RL
4
Operating voltage range
VCC op
5to16
V
Operating load resistance range
RL op
Under conditions where maximum ratings
are not exceeded
2to8
Ordering number: EN3309C
Monolithic Linear IC
LA4425A
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
53096HA(II)/20293TS/9200TA,TS(KOTO)/3050TA,TS(AF) No.3309-1/8




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
LA44855 W Two-channel Power Amplifier with Very Few External Parts 1 2 3 4 5 MoreSanyo Semicon Device
TDA1553CQ2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch 1 2 3 4 5 MoreNXP Semiconductors
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
LA446012W AF Power Amplifier For Car Radio or Car Stereo 1 2 3 4 5 Sanyo Semicon Device
TDA8560Q2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl