전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

LA4425A 데이터시트(Datasheet) 2 Page - Sanyo Semicon Device

부품명 LA4425A
상세내용  5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SANYO [Sanyo Semicon Device]
홈페이지  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
Operating Characteristics at Ta = 25°C, VCC = 13.2 V, RL =4 Ω,f=1 kHz, Rg = 600 Ω, specified
board/specified circuit, 30
× 30 × 1.5 mm3 thick aluminum used
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
65
130
mA
Voltage gain
VG
VO = 0 dBm
43
45
47
dB
Output power
PO1
13.2 V/4
Ω, THD = 10%
4
5
W
PO2
14.4 V/4
Ω, THD = 10%
5
6
W
Total harmonic distortion
THD
VO = 2V
0.1
1.0
%
Output noise voltage
VNO
Rg = 0, BPF = 20 Hz to 20 kHz
0.15
0.5
mV
Ripple rejection ratio
SVRR1
Rg=0,BPF=20 Hzto20 kHz
VR = 0 dBm, fR = 100 Hz
30
40
dB
SVRR2
Rg=0,BPF=20 Hzto20 kHz
VR = 0 dBm, fR = 1 kHz
47
dB
Overvoltage attack
VCCX
Rg = 0
21.5
V
Starting time
ts
0.35
s
Input resistance
RIN
50
k
Roll-off frequency
fL
40
Hz
fH
90
kHz
Thermal operating temperature
Tc
125
°C
Sample Application Circuit
.
On-chip overvoltage protection
.
On-chip thermal protection
.
On-chip pop noise reducing circuit
.
On-chip output D.C. short protection
Pin Voltage at VCC = 13.2 V
Characteristics
Input
Small signal
GND
Large signal
GND
Output
VCC
Pin No.
12345
Pin voltage
(reference value)
(
6 2VBE)
1.4 V
0V
0V
(
6 1/2 VCC)
6.5 V
(VCC)
13.2 V
Pd max – Ta
With silicone grease applied.
Heat sink mounting torque 39 N·cm
With infinite heat sink
With 100
× 100 × 1.5 mm3 Al heat sink
With 50
× 50 × 1.5 mm3
Al heat sink
With 30
× 30 × 1.5 mm3 Al heat sink
No heat sink
Ambient temperature, Ta – °C
LA4425A
No.3309-2/8




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
TDA8566TH2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
LA44855 W Two-channel Power Amplifier with Very Few External Parts 1 2 3 4 5 MoreSanyo Semicon Device
TDA1553CQ2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch 1 2 3 4 5 MoreNXP Semiconductors
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
LA446012W AF Power Amplifier For Car Radio or Car Stereo 1 2 3 4 5 Sanyo Semicon Device
TDA8560Q2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl