전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2905L 데이터시트(PDF) 1 Page - Seme LAB

부품명 2N2905L
상세설명  Bipolar PNP Device in a Hermetically sealed TO5
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2905L 데이터시트(HTML) 1 Page - Seme LAB

  2N2905L Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N2905L
Bipolar PNP Device.
V
CEO =
60V
I
C = 0.6A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
0.6
A
h
FE
@ 10/0.15 (V
CE / IC)
100
300
-
f
t
200M
Hz
P
D
0.6
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
20-Aug-02
Bipolar PNP Device in a
Hermetically sealed TO5
Metal Package.
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
38.00
(1.5)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO5 (TO205AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


유사한 부품 번호 - 2N2905L

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
2N2905 PHILIPS-2N2905 Datasheet
55Kb / 8P
   PNP switching transistors
1997 May 28
logo
New Jersey Semi-Conduct...
2N2905 NJSEMI-2N2905 Datasheet
349Kb / 2P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Semicoa Semiconductor
2N2905 SEMICOA-2N2905 Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
logo
Comset Semiconductor
2N2905 COMSET-2N2905 Datasheet
80Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Siemens Semiconductor G...
2N2905 SIEMENS-2N2905 Datasheet
173Kb / 7P
   PNP SILICON PLANAR TRANSISTORS
More results

유사한 설명 - 2N2905L

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N5782L SEME-LAB-2N5782L Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
BCY32A SEME-LAB-BCY32A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
BCY40A SEME-LAB-BCY40A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
2N2905AL SEME-LAB-2N2905AL Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
2N5781XL SEME-LAB-2N5781XL Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
CV9790L SEME-LAB-CV9790L Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
2N1131L SEME-LAB-2N1131L Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
BCY38A SEME-LAB-BCY38A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
2N2904L SEME-LAB-2N2904L Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
BCY34AL SEME-LAB-BCY34AL Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO5
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com