전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4500 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LA4500
상세설명  5.3W 2-Channel AF Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4500 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LA4500 Datasheet HTML 4Page - Sanyo Semicon Device LA4500 Datasheet HTML 5Page - Sanyo Semicon Device LA4500 Datasheet HTML 6Page - Sanyo Semicon Device LA4500 Datasheet HTML 7Page - Sanyo Semicon Device LA4500 Datasheet HTML 8Page - Sanyo Semicon Device LA4500 Datasheet HTML 9Page - Sanyo Semicon Device LA4500 Datasheet HTML 10Page - Sanyo Semicon Device LA4500 Datasheet HTML 11Page - Sanyo Semicon Device LA4500 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LA4500
No.1164–11/12
Output power (reference value) corresponding to supply voltage and load resistance.
m
e
t
s
y
SRL
V
9V
2
1V
5
1V
8
1
o
e
r
e
t
S
8
6
4
3
2
W
4
.
1
W
8
.
1
W
4
.
2
W
0
.
3
W
5
.
3
W
5
.
2
W
2
.
3
W
5
.
4
W
3
.
5
W
0
.
4
W
0
.
5
W
9
.
6
W
8
.
7
W
6
.
5
W
4
.
7
W
8
.
9
e
g
d
i
r
B
8
6
4
W
5
.
4
W
5
.
5
W
0
.
7
W
5
.
8
W
5
.
9
W
3
1
W
5
1
W
8
1
(THD=10%)


유사한 부품 번호 - LA4500

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4507 SANYO-LA4507 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
   8.5W 2-Channel AF Power Amplifier
LA4508 SANYO-LA4508 Datasheet
131Kb / 1P
   2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
More results

유사한 설명 - LA4500

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
   8.5W 2-Channel AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
   2-Channel BTL AF Power Amplifier
LA4445 SANYO-LA4445 Datasheet
211Kb / 7P
   5.5W 2-Channel AF Power Amplifier
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier
May, 2013
logo
Sanyo Semicon Device
STK441 SANYO-STK441 Datasheet
152Kb / 4P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK417-090 SANYO-STK417-090 Datasheet
140Kb / 3P
   2 CHANNEL HIGH EFFICIENCY AF POWER AMPLIFIER
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
   2.3 W 2-Channel AF Power Amplifier
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK426-530 SANYO-STK426-530 Datasheet
203Kb / 4P
   2 CHANNEL HIGH EFFICIENCY AF POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7149N PANASONIC-AN7149N Datasheet
46Kb / 3P
   Dual 5.3W Audio Power Amplifier Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com