전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4536M 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LA4536M
상세설명  5V CD Headphone-stereo Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4536M 데이터시트(HTML) 8 Page - Sanyo Semicon Device

  LA4536M Datasheet HTML 1Page - Sanyo Semicon Device LA4536M Datasheet HTML 2Page - Sanyo Semicon Device LA4536M Datasheet HTML 3Page - Sanyo Semicon Device LA4536M Datasheet HTML 4Page - Sanyo Semicon Device LA4536M Datasheet HTML 5Page - Sanyo Semicon Device LA4536M Datasheet HTML 6Page - Sanyo Semicon Device LA4536M Datasheet HTML 7Page - Sanyo Semicon Device LA4536M Datasheet HTML 8Page - Sanyo Semicon Device LA4536M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LA4536M
No.4033–8/9
Application Notes
Popping noise reduction
The switching sequence shown below can minimize the popping noise.
To minimize poping noise, the PWR mute switch should be turned on t1 (about 0.1s) after power-on and turned off t2
(about 0.1s) before power-off. Turn on and off the PWR mute switch by applying VCC with the PWR be in no state.
1V/div M.SW OFF
1V/div M.SW ON
M.SW OFF
M.SW ON
M.SW ON
M.SW OFF
VCC=5.0V
VCC=5.0V
Output AC waveform, VIN=0
Output AC waveform
Output AC waveform, VIN=0
Output AC waveform
M.SW DC waveform
M.SW DC waveform
M.SW DC waveform
M.SW DC waveform
PWR.SW
PWR, Mute SW
t3
t1
t2
VCC
A11163


유사한 부품 번호 - LA4536M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
LA4534 SANYO-LA4534 Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
   Power Amp For 1.5V Headphone Stereo
LA4535M SANYO-LA4535M Datasheet
173Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results

유사한 설명 - LA4536M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com