전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4472 데이터시트(PDF) 1 Page - Sensitron

부품명 1N4472
상세설명  Zener 1.5W DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSITRON [Sensitron]
홈페이지  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N4472 데이터시트(HTML) 1 Page - Sensitron

  1N4472 Datasheet HTML 1Page - Sensitron 1N4472 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5080, Rev A
Zener 1.5W DIODE
Ultra-low reverse leakage current
Zener voltage available from 9.1V to 160V
Sharp Zener knee
Metallurgically bonded
Hermetic, non-cavity glass package
Lead finish SN63
Electrical characteristics – Temperature 25
oC unless otherwise noted
Part Number
Nominal
Zener
Voltage
Vz
Test
current
IZT
Max
Dynamic
Impedance
ZZK @ IZK
Max Knee
Impedance
IZK @ IZK
Max
Continuous
Current
IZM
Max Surge
Current
IZSM
Maximum
Reverse
Current
IR @ VR
V
mA
mA
mA
A
μA
V
1N4464/US
1N4465/US
1N4466/US
1N4467/US
1N4468/US
1N4469/US
1N4470/US
1N4471/US
1N4472/US
1N4473/US
1N4474/US
1N4475/US
1N4476/US
1N4477/US
1N4478/US
1N4479/US
1N4480/US
1N4481/US
1N4482/US
1N4483/US
1N4484/US
1N4485/US
1N4486/US
1N4487/US
1N4488/US
1N4489/US
1N4490/US
1N4491/US
1N4492/US
1N4493/US
1N4494/US
9.1
10.0
11.0
12.0
13.0
15.0
16.0
18.0
20.0
22.0
24.0
27.0
30.0
33.0
36.0
39.0
43.0
47.0
51.0
56.0
62.0
68.0
75.0
82.0
91.0
100.0
110.0
120.0
130.0
150.0
160.0
28.0
25.0
23.0
21.0
19.0
17.0
15.5
14.0
12.5
11.5
10.5
9.5
8.5
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.7
3.3
3.0
2.8
2.5
2.0
2.0
1.9
1.7
1.6
4
5
6
7
8
9
10
11
12
14
16
18
20
25
27
30
40
50
60
70
80
100
130
160
200
250
300
400
500
700
1000
500
500
550
550
550
600
600
650
650
650
700
700
750
800
850
900
950
1000
1100
1300
1500
1700
2000
2500
3000
3100
4000
4500
5000
6000
6500
0.5
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
157
143
130
119
110
95
90
79
71
65
60
53
48
43
40
37
33
30
28
26
23
21
19
17
16
14
13
12
11
9.5
8.9
1.6
1.4
1.3
1.2
1.1
.95
.90
.79
.71
.65
.60
.53
.48
.43
.40
.37
.33
.30
.28
.26
.23
.21
.19
.17
.16
.14
.13
.12
.11
.095
.089
.30
.30
.30
.20
.05
.05
.05
.05
.05
.05
.05
.05
.05
.05
05
.05
.05
.05
.05
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
5.46
8.00
8.80
9.60
10.40
12.00
12.80
14.40
16.00
17.60
19.20
21.60
24.00
26.40
28.80
31.20
34.40
37.60
40.80
44.80
49.60
54.40
60.40
65.60
72.80
80.00
88.00
96.00
104.00
120.00
128.00
* Dc TA=+150
oC IR2
1N4464 thru 1N4494
1N4464US thru 1N4494US
SJ/ SX /SV
SS


유사한 부품 번호 - 1N4472

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4472 MICROSEMI-1N4472 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Central Semiconductor C...
1N4472 CENTRAL-1N4472 Datasheet
53Kb / 1P
   ZENER DIODES
1N4472 CENTRAL-1N4472 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
Semtech Corporation
1N4472 SEMTECH-1N4472 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
EIC discrete Semiconduc...
1N4472 EIC-1N4472 Datasheet
108Kb / 2P
   SILICON ZENER DIODES
More results

유사한 설명 - 1N4472

제조업체부품명데이터시트상세설명
logo
Sensitron
SS4464 SENSITRON-SS4464 Datasheet
91Kb / 2P
   Zener 1.5W DIODE
1N4614-1 SENSITRON-1N4614-1 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
SS4614-1 SENSITRON-SS4614-1 Datasheet
73Kb / 2P
   Zener 1.5W DIODE
1N4106-1 SENSITRON-1N4106-1 Datasheet
84Kb / 3P
   Zener 1.5W DIODE
1N4478 SENSITRON-1N4478 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
TAITRON Components Inco...
1N5913B TAITRON-1N5913B Datasheet
171Kb / 4P
   1.5W Zener Diodes
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
ZM1-5C3V3 JINGHENG-ZM1-5C3V3 Datasheet
69Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com